Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED7G1G1IDE33ADC25 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WED7G1G1IDE33ADC25
Description  DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7G1G1IDE33ADC25 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WED7G1G1IDE33ADC25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7G1G1IDE33ADC25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7G1G1IDE33ADC25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7G1G1IDE33ADC25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7G1G1IDE33ADC25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7G1G1IDE33ADC25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7G1G1IDE33ADC25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7G1G1IDE33ADC25 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7GxxxIDE36
WED7GxxxIDE33
July, 2003
Rev. 0
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
as perfect memory to the host.
The DimmDrive WED7GxxxIDE36/33 module also
provides a more cost effective solution to the traditional
hard disk media. The module is perfect for applications
requiring upgrade ability to higher densities and for those
applications with limited space availability and power
consumption requirements.
Unlike standard IDE drives, no cables or extra space is
required. The module has no moving parts providing
significant reduction in power consumption and increasing
reliability. Simply insert the module into a standard 144
Pin SO-DIMM socket with IDE pinout and you then have
a bootable flash disk.
The DimmDrive WED7GxxxIDE36/33 is available with
memory densities of 16MB to 2GB.
PIN
SIGNAL
PIN
SIGNAL PIN SIGNAL PIN
SIGNAL
2
GND
38
D11
74
CS0#
110
A2
4
VCC
40
NC
76
NC
112
NC
6
GND
42
D3
78
NC
114
NC
8
NC
44
NC
80
CS1#
116
DASP#
10
D7
46
D12
82
IORD#
118
PDIAG#
12
NC
48
NC
84
IOWR#
120
A1
14
D8
50
D2
86
NC
122
A0
16
NC
52
NC
88
NC
124 IOCS16#
18
D6
54
D13
90
NC
126
VCC
20
NC
56
NC
92
NC
128
GND
22
D9
58
D1
94
NC
130
NC
24
NC
60
NC
96
IRQ
132
NC
26
D5
62
D14
98
CSEL#*
134
NC
28
NC
64
NC
100
RESET
136
NC
30
D10
66
D0
102 IORDY** 138
NC
32
NC
68
NC
104
NC
140
NC
34
D4
70
D15
106
NC
142
NC
36
NC
72
NC
108
NC
144
NC
Notes:
Odd pins are NC (NO CONNECT).
“/” indicates signals active low.
* low for MASTER, high (open) for SLAVE
** pulled up
On the NC pins of the module, additional signals not used in the IDE mode may be
present.
MODULE PINOUT


Similar Part No. - WED7G1G1IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
More results

Similar Description - WED7G1G1IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
logo
Transcend Information. ...
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com