Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPN4M72V-XB2X Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WEDPN4M72V-XB2X
Description  4Mx72 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN4M72V-XB2X Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WEDPN4M72V-XB2X Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 11Page - White Electronic Designs Corporation WEDPN4M72V-XB2X Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPN4M72V-XB2X
January 2005
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ACTIVE
The ACTIVE command is used to open (or activate) a
row in a particular bank for a subsequent access. The
value on the BA0, BA1 inputs selects the bank, and the
address provided on inputs A0-11 selects the row. This row
remains active (or open) for accesses until a PRECHARGE
command is issued to that bank. A PRECHARGE
command must be issued before opening a different row
in the same bank.
READ
The READ command is used to initiate a burst read
access to an active row. The value on the BA0, BA1 inputs
selects the bank, and the address provided on inputs A0-7
selects the starting column location. The value on input
A10 determines whether or not AUTO PRECHARGE is
used. If AUTO PRECHARGE is selected, the row being
accessed will be precharged at the end of the READ
burst; if AUTO PRECHARGE is not selected, the row will
remain open for subsequent accesses. Read data appears
on the I/Os subject to the logic level on the DQM inputs
two clocks earlier. If a given DQM signal was registered
HIGH, the corresponding I/Os will be High-Z two clocks
later; if the DQM signal was registered LOW, the I/Os will
provide valid data.
WRITE
The WRITE command is used to initiate a burst write
access to an active row. The value on the BA0, BA1 inputs
selects the bank, and the address provided on inputs A0-7
selects the starting column location. The value on input A10
determines whether or not AUTO PRECHARGE is used. If
AUTO PRECHARGE is selected, the row being accessed
will be precharged at the end of the WRITE burst; if AUTO
PRECHARGE is not selected, the row will remain open for
subsequent accesses. Input data appearing on the I/Os
is written to the memory array subject to the DQM input
logic level appearing coincident with the data. If a given
DQM signal is registered LOW, the corresponding data
will be written to memory; if the DQM signal is registered
HIGH, the corresponding data inputs will be ignored, and a
WRITE will not be executed to that byte/column location.
PRECHARGE
The PRECHARGE command is used to deactivate the
open row in a particular bank or the open row in all banks.
The bank(s) will be available for a subsequent row access
a specified time (tRP) after the PRECHARGE command is
issued. Input A10 determines whether one or all banks are
to be precharged, and in the case where only one bank
is to be precharged, inputs BA0, BA1 select the bank.
Otherwise BA0, BA1 are treated as “Don’t Care.” Once a
bank has been precharged, it is in the idle state and must
be activated prior to any READ or WRITE commands being
issued to that bank.
AUTO PRECHARGE
AUTO PRECHARGE is a feature which performs the
same individual-bank PRECHARGE function described
above, without requiring an explicit command. This is
accomplished by using A10 to enable AUTO PRECHARGE
in conjunction with a specific READ or WRITE command.
A precharge of the bank/row that is addressed with the
READ or WRITE command is automatically performed
upon completion of the READ or WRITE burst, except in
the full-page burst mode, where AUTO PRECHARGE does
not apply. AUTO PRECHARGE is nonpersistent in that it
is either enabled or disabled for each individual READ or
WRITE command.
AUTO PRECHARGE ensures that the precharge is
initiated at the earliest valid stage within a burst. The user
must not issue another command to the same bank until
the precharge time (tRP) is completed. This is determined
as if an explicit PRECHARGE command was issued at
the earliest possible time.
BURST TERMINATE
The BURST TERMINATE command is used to truncate
either fixed-length or full-page bursts. The most recently
registered READ or WRITE command prior to the BURST
TERMINATE command will be truncated.
AUTO REFRESH
AUTO REFRESH is used during normal operation of
the SDRAM and is analagous to CAS#-BEFORE-RAS#
(CBR) REFRESH in conventional DRAMs. This command
is nonpersistent, so it must be issued each time a refresh
is required.
The addressing is generated by the internal refresh
controller. This makes the address bits “Don’t Care”
during an AUTO REFRESH command. The 64Mb SDRAM
requires 4,096 AUTO REFRESH cycles every refresh
period (tREF), regardless of width option. Providing a
distributed AUTO REFRESH command will meet the


Similar Part No. - WEDPN4M72V-XB2X

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN4M64V-100BC WEDC-WEDPN4M64V-100BC Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-100BI WEDC-WEDPN4M64V-100BI Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-100BM WEDC-WEDPN4M64V-100BM Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-125BC WEDC-WEDPN4M64V-125BC Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-125BI WEDC-WEDPN4M64V-125BI Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
More results

Similar Description - WEDPN4M72V-XB2X

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com