Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED416S16030C10SI Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED416S16030C10SI
Description  4M x 16 Bits x 4 Banks Synchronous DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED416S16030C10SI Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED416S16030C10SI Datasheet HTML 1Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 2Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 3Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 4Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 5Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 6Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 7Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 8Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED416S16030A
April 2006
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
OPERATING AC PARAMETERS
(Vcc = 3.3V, -40°C ≤ Ta ≤ +85°C)
Parameter
Symbol
7
75
8
10
Unit
Notes
Clock Cycle Time
CAS latency = 3
tCK
7.5
7.5
8
10
ns
1
CAS latency = 2
7.5
8
10
1
Clock to Valid Output Delay
tAC
5.4
6
6
7
ns
1,2
Output Data Hold Time
tOH
3
3
3
3
ns
2
Clock High Pulse Width
tCH
2.5
2.5
3
3
ns
3
Clock Low Pulse Width
tCL
2.5
2.5
3
3
ns
3
Input Setup Time
tCMS
1.5
1.5
2
2
ns
3
Input Hold Time
tCMH
0.8
0.8
1
1
ns
3
Clock to Output in Low-Z
tLZ
1
1
1
1
ns
2
Clock to Output in High-Z
tHZ
5.4
6
6
7
ns
Row Active to Row Active Delay
tRRD
15
15
20
20
ns
4
RAS# to CAS# Delay
tRCD
20
20
20
20
ns
4
Row Precharge Time
tRP
20
20
20
20
ns
4
Row Active Time
tRAS
45
45
50
50
ns
4
Row Cycle Time - Operation
tRC
65
65
70
70
ns
4
Last Data In to New Column Address Delay
tCDL
1
1
1
1
CK
5
Last Data In to Row Precharge
tRDL
2
2
2
2
CK
5
Last Data In to Burst Stop
tBDL
1
1
1
1
CK
5
Column Address to Column Address Delay
tCCD
1
1
1
1
CK
6
Number of Valid Output Data
CAS latency = 3
2
2
2
2
ea
7
CAS latency = 2
1
1
1
1
Data Setup Time
tDS
1.5
1.5
2
2
ns
Data Hold Time
tDH
0.8
0.8
1
1
ns
NOTES:
1.
Parameters depend on programmed CAS latency.
2.
If clock rise time is longer than 1ns, (tRISE 2-0.5)ns should be added to the parameter.
3.
Assumed input rise and fall time = 1ns. If tRISE & tFALL are longer than 1ns, [(tRISE + tFALL)/2]-1ns should be added to the parameter.
4.
The minimum number of clock cycles required is determined by dividing the minimum time required by the clock cycle time and then
rounding up to the next higher integer.
5.
Minimum delay is required to complete write.
6.
All devices allow every cycle column address changes.
7.
In case of row precharge interrupt, auto precharge and read burst stop.
AC CHARACTERISTICS


Similar Part No. - WED416S16030C10SI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED416S8030A WEDC-WED416S8030A Datasheet
164Kb / 12P
   2Mx16x 4 Banks Synchronous DRAM
WED416S8030A10SI WEDC-WED416S8030A10SI Datasheet
164Kb / 12P
   2Mx16x 4 Banks Synchronous DRAM
WED416S8030A12SI WEDC-WED416S8030A12SI Datasheet
164Kb / 12P
   2Mx16x 4 Banks Synchronous DRAM
More results

Similar Description - WED416S16030C10SI

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com