Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED416S16030C10SI Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED416S16030C10SI
Description  4M x 16 Bits x 4 Banks Synchronous DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED416S16030C10SI Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED416S16030C10SI Datasheet HTML 1Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 2Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 3Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 4Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 5Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 6Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 7Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 8Page - White Electronic Designs Corporation WED416S16030C10SI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED416S16030A
April 2006
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Parameter/Condition
Symbol
All Speeds
Units
Notes
Operating Current Active Mode; Burst = 2; READ or WRITE tRC = tRC(MIN)
ICC1
135
mA
3, 18, 19,
32
Standby Current Power-Down Mode; All banks idle; CKE = LOW
ICC2
2mA
32
Standby Current: Active Mode; CKE = HIGH; CS# = HIGH; All banks active after tRCD met;
No accesses in progress
ICC3
40
mA
3, 12, 19,
32
Operating Current: Burst Mode; Page burst: READ or WRITE; All banks active
ICC4
135
mA
3, 18, 19,
32
Auto Refresh Current
CS# = HIGH: CKE = HIGH
tRFC = tRFC(MIN)
ICC5
285
mA
3, 12, 18,
19, 32, 33
tRFC = 7.81 µs
ICC6
3.5
mA
Self Refresh Current: CKE ≤ 0.2V
Standard
ICC7
2.5
mA
4
Low Power (L)
ICC7
1.5
mA
Parameter
Symbol
Max
Unit
Input Capacitance (A0-12, BA0-1)
CI1
4
pF
Input Capacitance (CK, CKE, RAS#,
CAS#, WE#, CE#, L(U)DQM )
CI2
4
pF
Input/Output Capacitance (DQ0-15)
COUT
6.5
pF
Parameter
Symbol Min
Typ
Max
Unit
Notes
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCC +0.3
V
Input Low Voltage
VIL
-0.3
0.8
V
Output High Voltage
VOH
2.4
V
(IOH = -4mA)
Output Low Voltage
VOL
0.4
V
(IOL = 4mA)
Input Leakage Voltage
IIL
-5
5
µA
Output Leakage Voltage
IOL
-5
5
µA
RECOMMENDED DC OPERATING CONDITIONS
(VoltageReferencedto:VSS =0V,40°C ≤ Ta≤ 85°C)
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE
(TA = 25°C, f = 1MHZ, VCC = 3.3V TO 3.6V)
Parameter
Symbol Min
Max Units
Power Supply Voltage
VDD
-1.0
+4.6
V
Input Voltage
VIN
-1.0
+4.6
V
Output Voltage
VOUT
-1.0
+4.6
V
Operating Temperature
tOPR
-40
+85
°C
Storage Temperature
tSTG
-55
+125
°C
Power Dissipation
PD
1.0
W
Short Circuit Output Current
IOS
50
mA
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, -40°C ≤ Ta ≤ +85°C)
NOTES:
1. Measured with outputs open.
2. Refresh period is 64ms.


Similar Part No. - WED416S16030C10SI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED416S8030A WEDC-WED416S8030A Datasheet
164Kb / 12P
   2Mx16x 4 Banks Synchronous DRAM
WED416S8030A10SI WEDC-WED416S8030A10SI Datasheet
164Kb / 12P
   2Mx16x 4 Banks Synchronous DRAM
WED416S8030A12SI WEDC-WED416S8030A12SI Datasheet
164Kb / 12P
   2Mx16x 4 Banks Synchronous DRAM
More results

Similar Description - WED416S16030C10SI

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com