Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-330 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # STK672-330
Description  Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-330 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button STK672-330 Datasheet HTML 3Page - Sanyo Semicon Device STK672-330 Datasheet HTML 4Page - Sanyo Semicon Device STK672-330 Datasheet HTML 5Page - Sanyo Semicon Device STK672-330 Datasheet HTML 6Page - Sanyo Semicon Device STK672-330 Datasheet HTML 7Page - Sanyo Semicon Device STK672-330 Datasheet HTML 8Page - Sanyo Semicon Device STK672-330 Datasheet HTML 9Page - Sanyo Semicon Device STK672-330 Datasheet HTML 10Page - Sanyo Semicon Device STK672-330 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
No. 7304-9/11
STK672-330
MODE
RESET
CWB
CLOCK
ENABLE
FAO
FAB
FBO
FBB
MODE
RESET
CWB
CLOCK
ENABLE
FAO
FAB
FBO
FBB
1-2 phase excitation (CWB)
Switching from 2-phase to 1-2 phase excitation


Similar Part No. - STK672-330

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
logo
ON Semiconductor
STK672-340-E ONSEMI-STK672-340-E Datasheet
100Kb / 13P
   Unipolar Fixed-Current Chopper
June, 2013
More results

Similar Description - STK672-330

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
   3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com