Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE256K8-200CIA Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WE256K8-200CIA
Description  512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE256K8-200CIA Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WE256K8-200CIA Datasheet HTML 1Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 2Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 3Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 4Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 5Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 6Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 7Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 8Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WE512K8, WE256K8,
WE128K8-XCX
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2000
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIGURE 4
AC Test Circuit
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol Conditions
512K x 8
256K x 8
128K x 8
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
10
10
µA
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, Vout = GND to VCC
10
10
10
µA
Dynamic Supply Current
ICC
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 5.5
80
100
60
90
50
70
mA
Standby Current
ISB
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 5.5
3
8
2
6
1
4
mA
Output Low Voltage
VOL
IOL = 2.1mA, VCC = 4.5V
0.45
0.45
0.45
V
Output High Voltage
VOH
IOH = -400µA, VCC = 4.5V
2.4
2.4
2.4
V
NOTE: DC test conditions: Vih = Vcc -0.3V, Vil = 0.3V
TRUTH TABLE
CS#
OE#
WE#
Mode
Data I/O
H
X
X
Standby
High Z
L
L
H
Read
Data Out
L
H
L
Write
Data In
X
H
X
Out Disable
High Z/Data Out
X
X
H
Write
X
L
X
Inhibit
CAPACITANCE
TA = +25°C
Parameter
Sym
Condition
512Kx8
Max
256Kx8
Max
128Kx8
Max
Unit
Input
Capacitance
CIN
VIN = 0V, f = 1MHz
45
80
45
pF
Output
Capacitance
COUT VI/O = 0V, f = 1MHz
60
80
60
pF
This parameter is guaranteed by design but not tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Unit
Operating Temperature
TA
-55 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
Signal Voltage Any Pin
VG
-0.6 to + 6.25
V
Voltage on OE# and A9
-0.6 to +13.5
V
Thermal Resistance junction
to case
θJC
28
°C/W
Lead Temperature
(soldering -10 secs)
+300
°C
NOTE:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes: VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.


Similar Part No. - WE256K8-200CIA

ManufacturerPart #DatasheetDescription
logo
SICK AG
WE24-2B240 SICK-WE24-2B240 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B333 SICK-WE24-2B333 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B430 SICK-WE24-2B430 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B440 SICK-WE24-2B440 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2R230 SICK-WE24-2R230 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WE256K8-200CIA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com