Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE256K8-200CIA Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WE256K8-200CIA
Description  512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE256K8-200CIA Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WE256K8-200CIA Datasheet HTML 1Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 2Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 3Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 4Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 5Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 6Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 7Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 8Page - White Electronic Designs Corporation WE256K8-200CIA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WE512K8, WE256K8,
WE128K8-XCX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2000
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
256Kx8 CMOS EEPROM, WE256K8-XCX, SMD 5962-93155
256Kx8 BIT CMOS EEPROM MODULE
FEATURES
Read Access Times of 150, 200ns
JEDEC Standard 32 Pin, Hermetic Ceramic DIP
(Package 302)
Commercial, Industrial and Military Temperature
Ranges
MIL-STD-883 Compliant Devices Available
Write Endurance 10,000 Cycles
Data Retention at 25°C, 10 Years
Low Power CMOS Operation:
2mA Standby Typical/90mA Operating Maximum
Automatic Page Write Operation
Internal Address and Data Latches for
512 Bytes, 1 to 64 Bytes/Row, Eight Pages
Page Write Cycle Time 10mS Max.
Data Polling for End of Write Detection
Hardware and Software Data Protection
TTL Compatible Inputs and Outputs
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CS#
I/O7
I/O6
I/O5
I/O4
I/O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0-14
A16
A15
1
32K x 8
Decoder
2
32K x 8
8
32K x 8
A17
I/O0-7
WE#
OE#
CS#
FIGURE 2
Pin Configuration
Top View
Block Diagram
Pin Description
A0-18
Address Inputs
I/O0-7
Data Input/Output
CS#
Chip Select
OE#
Output Enable
WE#
Write Enable
VCC
+5.0V Power
VSS
Ground


Similar Part No. - WE256K8-200CIA

ManufacturerPart #DatasheetDescription
logo
SICK AG
WE24-2B240 SICK-WE24-2B240 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B333 SICK-WE24-2B333 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B430 SICK-WE24-2B430 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B440 SICK-WE24-2B440 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2R230 SICK-WE24-2R230 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WE256K8-200CIA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com