Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDF1M32B-XXX5 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WEDF1M32B-XXX5
Description  1Mx32 5V Flash Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDF1M32B-XXX5 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WEDF1M32B-XXX5 Datasheet HTML 1Page - White Electronic Designs Corporation WEDF1M32B-XXX5 Datasheet HTML 2Page - White Electronic Designs Corporation WEDF1M32B-XXX5 Datasheet HTML 3Page - White Electronic Designs Corporation WEDF1M32B-XXX5 Datasheet HTML 4Page - White Electronic Designs Corporation WEDF1M32B-XXX5 Datasheet HTML 5Page - White Electronic Designs Corporation WEDF1M32B-XXX5 Datasheet HTML 6Page - White Electronic Designs Corporation WEDF1M32B-XXX5 Datasheet HTML 7Page - White Electronic Designs Corporation WEDF1M32B-XXX5 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDF1M32B-XXX5
May 1999
Rev.1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED*
1Mx32 5V Flash Module
FEATURES
Access Times of 70, 90, 120ns
Packaging:
• 66 pin, PGA Type, 1.185” square, Hermetic
Ceramic HIP (Package 401)
• 68 lead, 22mm Low Profile CQFP, 4.6mm
(0.180”), (Package 509)
Sector Architecture
• One 16KByte Sectors
• Two 8KByte Sectors
• One 32KByte Sectors
• Fifteen 64KByte Sectors
1,000,000 Erase/Program Cycles
Organized as 1Mx32, user configurable as 2Mx16
or 4Mx8.
Commercial, Industrial and Military Temperature
Ranges
5V ± 10% for Read and Write Operations.
Low Power CMOS
Embedded Erase and Program Algorithm
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight
WEDF1M32B-XG2TX5 - 8 grams typical
WEDF1M32B-XHX5 - 13 grams typical
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
I/O8
I/O9
I/O10
A14
A16
A11
A0
A18
I/O0
I/O1
I/O2
RESET#
CS2#
GND
I/O11
A10
A9
A15
VCC
CS1#
A19
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
A17
WE#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
NC
A13
A8
I/O16
I/O17
I/O18
VCC
CS4#
NC
I/O27
A4
A5
A6
NC
CS3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
PIN CONFIGURATION FOR WF1M32B-XHX5
Top View
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-19
Address Inputs
WE#
Write Enable
CS1-4#
Chip Selects
OE#
Output Enable
RESET#
Reset
VCC
Power Supply
GND
Ground
NC
Not Connected
Block Diagram
1M x 8
8
I/O0-7
CS1#
1M x 8
8
I/O8-15
CS2#
1M x 8
8
I/O16-23
CS3#
1M x 8
8
I/O24-31
CS4#
A0-19
OE#
WE#
RESET#


Similar Part No. - WEDF1M32B-XXX5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V10D2 WEDC-WED2CG472512V10D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V12D2 WEDC-WED2CG472512V12D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V15D2 WEDC-WED2CG472512V15D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V9D2 WEDC-WED2CG472512V9D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
More results

Similar Description - WEDF1M32B-XXX5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com