Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED7G480IDE33ADC25 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED7G480IDE33ADC25
Description  DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7G480IDE33ADC25 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED7G480IDE33ADC25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7G480IDE33ADC25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7G480IDE33ADC25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7G480IDE33ADC25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7G480IDE33ADC25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7G480IDE33ADC25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7G480IDE33ADC25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7G480IDE33ADC25 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7GxxxIDE36
WED7GxxxIDE33
July, 2003
Rev. 0
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DimmDrive Solid State IDE Flash Module with Power Failure
Protection* IDE36
DimmDrive Solid State IDE Flash Module IDE33
FEATURES
144 pin SO-DIMMpackage with IDE pinouts
Plug-and-play solid state disk
NAND Flash memory technology by SanDisk
3.3 V and 5.0 V power supply operation
16MB – 2GB memory density
Low power consumption
ECC error correction
512 Byte Sector compatible to IDE HD Drives
Supports true IDE mode
Commercial temperature range 0°C - +70°C
PFP Power Failure Protection Circuit (IDE36)
POWER BACKUP FEATURES (IDE36)
Added PFP circuit built in to preserve card integrity
during accidental power loss
PFP circuit may not prevent file/data loss if power
failure occurs during a long write operation
PFP control circuit prevents false operations after
power loss
Improves card integrity in applications with a high
risk of power failure
Minimum power backup time of 10ms
APPLICATIONS
Embedded systems
Internet Access Devices
Set Top Boxes
WEB Browser
Routers, Networking
WEB phones, car PC, DVD, HPC
· Point-of-sale
Medical and Telcom
Other applications requiring embedded or solid
state storage
GENERAL DESCRIPTION
The DimmDrive WED7GxxxIDE36 is a high performance
single chip flash disk IDE module with Power Failure
Protection Circuit available in 144 Pin SO-DIMM
package.
The DimmDrive WED7GxxxIDE33 does not have the
additional PFP circuit.
The additional circuit provides protection against accidental
power loss. This circuit provides an internal power supply
and control logic to stop receiving data and complete
writing the last sector of data received. This is not intended
to be backup for the host system. It will only allow the
last sector received to finish writing and no more. It will
improve card integrity in applications with a high risk of
power failure. The read/write unit is 1 sector (512 bytes)
sequential access.
The module is based on SanDisk NAND Flash technology
and utilizes 128Mb, 256Mb, 512Mb or 1Gb memory
components to provide the maximum in module density.
The DimmDrive WED7GxxxIDE36/33 utilizes a SanDisk
Flash ChipSet controller for the SanDisk memory devices.
This interface allows a host computer to issue commands
to read or write blocks of memory in the Flash memory
array. The intelligence to manage the interface protocols,
data storage and retrieval as well as ECC, defect handling
and diagnostics are controlled by this device. Automatic
power management and clock control is handled by the
controller as well.
The DimmDrive WED7GxxxIDE36/33 module will have
the same functionality and capabilities of an intelligent ATA
(IDE) disk drive. Once the device has been configured
by the user, it appears to the host as a standard ATA disk
drive.
The on-board controller is a highly integrated solution
designed to handle all intelligent operations, even the rare
cases when new defects arise and need to be mapped
out or replaced by a spare. The hardware performs the
complicated task of ECC detection and correction and will
return good data to the host. The controller manages all
defects and errors and makes the Flash memory appear
* Patent pending


Similar Part No. - WED7G480IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
More results

Similar Description - WED7G480IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
logo
Transcend Information. ...
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com