Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC10PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC10PW
Description  Triple 3-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC10PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC10PW Datasheet HTML 1Page - NXP Semiconductors 74HC10PW Datasheet HTML 2Page - NXP Semiconductors 74HC10PW Datasheet HTML 3Page - NXP Semiconductors 74HC10PW Datasheet HTML 4Page - NXP Semiconductors 74HC10PW Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
December 1990
5
Philips Semiconductors
Product specification
Triple 3-input NAND gate
74HC/HCT10
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
INPUT
UNIT LOAD COEFFICIENT
nA, nB, nC
1.5
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+ 25
−40 to + 85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nA, nB, nC to nY
14
24
30
36
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
Fig.6 Waveforms showing the input (nA, nB, nC) to output (nY) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC10PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC10PW NEXPERIA-74HC10PW Datasheet
224Kb / 11P
   Triple 3-input NAND gate
Rev. 4 - 8 January 2021
74HC10PW-Q100 NEXPERIA-74HC10PW-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
74HC10PW-Q100 NEXPERIA-74HC10PW-Q100 Datasheet
223Kb / 11P
   Triple 3-input NAND gate
Rev. 2 - 8 January 2021
More results

Similar Description - 74HC10PW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
logo
NXP Semiconductors
HEF4023B PHILIPS-HEF4023B Datasheet
25Kb / 3P
   Triple 3-input NAND gate
January 1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com