Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE512K8-300CMA Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WE512K8-300CMA
Description  512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE512K8-300CMA Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WE512K8-300CMA Datasheet HTML 1Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 2Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 3Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 4Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 5Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 6Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 7Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 8Page - White Electronic Designs Corporation WE512K8-300CMA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WE512K8, WE256K8,
WE128K8-XCX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2000
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
256Kx8 CMOS EEPROM, WE256K8-XCX, SMD 5962-93155
256Kx8 BIT CMOS EEPROM MODULE
FEATURES
Read Access Times of 150, 200ns
JEDEC Standard 32 Pin, Hermetic Ceramic DIP
(Package 302)
Commercial, Industrial and Military Temperature
Ranges
MIL-STD-883 Compliant Devices Available
Write Endurance 10,000 Cycles
Data Retention at 25°C, 10 Years
Low Power CMOS Operation:
2mA Standby Typical/90mA Operating Maximum
Automatic Page Write Operation
Internal Address and Data Latches for
512 Bytes, 1 to 64 Bytes/Row, Eight Pages
Page Write Cycle Time 10mS Max.
Data Polling for End of Write Detection
Hardware and Software Data Protection
TTL Compatible Inputs and Outputs
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CS#
I/O7
I/O6
I/O5
I/O4
I/O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0-14
A16
A15
1
32K x 8
Decoder
2
32K x 8
8
32K x 8
A17
I/O0-7
WE#
OE#
CS#
FIGURE 2
Pin Configuration
Top View
Block Diagram
Pin Description
A0-18
Address Inputs
I/O0-7
Data Input/Output
CS#
Chip Select
OE#
Output Enable
WE#
Write Enable
VCC
+5.0V Power
VSS
Ground


Similar Part No. - WE512K8-300CMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE512K16-140G4C WEDC-WE512K16-140G4C Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4CA WEDC-WE512K16-140G4CA Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4I WEDC-WE512K16-140G4I Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4IA WEDC-WE512K16-140G4IA Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4M WEDC-WE512K16-140G4M Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
More results

Similar Description - WE512K8-300CMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com