Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1231-074LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMV1231-074LF
Description  Hyperabrupt Tuning Varactors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1231-074LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMV1231-074LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1231-074LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1231-074LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1231-074LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1231-074LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1231-074LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1231-074LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200058 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • January 20, 2005
1
SMV1231–SMV1237: Hyperabrupt Tuning Varactors
DATA SHEET
Characteristic
Value
Reverse voltage (VR)
15 V
Forward current (IF)
20 mA
Power dissipation (PD)
250 mW
Storage temperature (TST)
-55 °C to +150 °C
Operating temperature (TOP)
-55 °C to +125 °C
ESD human body model
Class 1B
Absolute Maximum Ratings
Features
High capacitance ratio
Low series resistance for low phase noise
Multiple packages SOT-23, SOD-323, SC-70 and SC-79
Designed for high volume commercial applications
Full characterization with SPICE models
Description
The SMV1231–SMV1237 series of silicon hyperabrupt junction
varactor diodes is designed for use in VCOs with low tuning voltage
operation. The low resistance of these varactors makes them
appropriate for high Q resonators in wireless system VCOs
to frequencies beyond 2.5 GHz. The SMV1231–SMV1237 series is
fully characterized for capacitance and resistance over tempera-
ture. SPICE model is provided.
Skyworks offers lead (Pb)-free “environmentally
friendly” packaging that is RoHS compliant
(European Parliament for the Restriction of
Hazardous Substances).
NEW
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, Electrostatic Discharge (ESD) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.


Similar Part No. - SMV1231-074LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1231-074LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com