Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1137WP11 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # H1137WP11
Description  CMOS circuit for Analog Quartz Watches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1137WP11 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  H1137WP11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1137WP11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1137WP11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1137WP11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1137WP11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1137WP11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
H1137
Copyright
© 2004, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Metal Mask Option Possibilities
Motor pulse and capacitance
Sym-
bol
Description
Range
min.
Range
max.
Range
resolut.
TM
TM
tm
CIN
COUT
Motor pulse period
Fast motor TEST
Motor pulse width
Oscillator input capacity
Oscillator output capac.
2x1.00s
2x31.25ms
0.9765ms
2pF
2.7pF
2x60.00s
2x62.50ms
14.65ms
CIN + COUT
=35pF
1.00s
0.9765ms
1pF
1pF
Pad options
Sym-
bol
Description
Pad
Layout 1
Pad
Layout 2
Pad
Layout 3
TEST
RESET
Pad TEST
Pad RESET
Pad 10
Pad 8
Pad 2
not used
Pad 2
Pad 8
Pad 10
not used
Pad 8
Pad 2
Pad 10
not used
Possible versions
Option list (supply voltage –1.55V)
Options
Motor Output
Integrated
capacitor
Designation pad
Version
Period
s
Pulse
Width
ms
Fast
Mode
ms
OSCIN
pF
OSCOUT
pF
Pad 1
Pad 2
Pad 3
Pad 4
Pad 5
Pad 6
Pad 7
Pad 8
Pad 10
Com-
patible
EURO-
SIL
E1208
H1137V01
H1137V02
H1137V03
H1137V04
H1137V05
2x12
2x1
2x10
2x12
2x1
6.8
3.9
7.8
5.9
6.8
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2
2
2
2
2
18
14
22
14
14
VN
Vn
VN
VN
VN
-
TEST
RESET
TEST
TEST
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
VP
VP
VP
VP
VP
MOT2
MOT2
MOT2
MOT2
MOT2
MOT1
MOT1
MOT1
MOT1
MOT1
RESET
RESET
TEST
RESET
RESET
TEST
-
-
-
-
A
B
C
D
E
H1137V07
H1137V08
H1137V09
H1137V10
H1137V11
H1137V12
H1137V13
H1137V14
H1137V15
H1137V16
H1137V17
2x10
2x12
2x1
2x1
2x12
2x1
2x12
2x1
2x1
2x1
2x5
5.9
6.8
7.8
3.9
5.9
6.8
6.8
4.9
6.8
5.9
5.9
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2
2
2
2
2
2
2
2
2
2
2
16
14
20
14
14
14
14
16
20
14
14
VN
VN
VN
VN
VN
VN
VN
VN
VN
VN
VN
RESET
TEST
TEST
-
-
-
-
TEST
TEST
TEST
TEST
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
VP
VP
VP
VP
VP
VP
VP
VP
VP
VP
VP
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
TEST
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
-
-
-
TEST
TEST
TEST
TEST
-
-
-
-
G
H
IS
K
L
M
N
O
P
S
T
H1137V19
H1137V20
H1137V21
H1137V22
H1137V23
H1137V24
H1137V25
H1137V26
H1137V27
H1137V28
2x20
2x20
2x1
2x1
2x1
2x10
2x5
2x20
2x0.5
2x40
7.8
5.9
4.9
3.9
5.9
6.8
7.8
6.8
4.9
5.9
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x62.5
2x31.25
2x62.5
2x62.5
2
2
2
2
2
2
2
2
2
2
14
14
14
20
20
14
20
14
14
14
VN
VN
VN
VN
VN
VN
VN
VN
VN
VN
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
VP
VP
VP
VP
VP
VP
VP
VP
VP
VP
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT2
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
MOT1
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
-
-
-
-
-
-
-
-
-
-
V
WA
WB
WD
WE
WF
WG
WH
H1137V51
H1137V52
H1137V53
H1137V54
H1137V58
2x5
2x5
2x1
2x20
2x10
4.9
7.8
3.9
4.9
4.9
2x31.25
2x31.25
2x31.25
2x31.25
2x31.25
2
2
2
2
2
23
23
23
23
25
VN
VN
VN
VN
VN
TEST
TEST
TEST
TEST
RESET
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
OSCOUT
OSCOUT
OSCOUT
OSCOUT
OSCOUT
VP
VP
VP
VP
VP
MOT2
MOT2
MOT2
MOT2
MOT2
MOT1
MOT1
MOT1
MOT1
MOT1
RESET
RESET
RESET
RESET
TEST
-
-
-
-
-
Ordering Information
For other versions, please contact EM Microelectronic-Marin S.A.
Please make sure to give the complete part number when ordering.
-
Customer Version:
customer-specific number
given by EM Microelectronic
Thickness:
11 = 11 mils (280um)
27 = 27 mils (686um)
(for other thickness, contact EM)
Die form:
WW = Wafer
WS = Sawn Wafer/Frame
WP = Waffle Pack
%%%
H1137 WW 11


Similar Part No. - H1137WP11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1138 ETC-H1138 Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1138NL PULSE-H1138NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1138NL PULSE-H1138NL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1137WP11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1537 EMMICRO-EM1537 Datasheet
238Kb / 7P
   Low Power 32 kHz Circuit for Analog Quartz Watches
logo
List of Unclassifed Man...
VT-150-F ETC2-VT-150-F Datasheet
36Kb / 1P
   Quartz Crystal Units for Watches
logo
EM Microelectronic - MA...
H1344 EMMICRO-H1344 Datasheet
217Kb / 6P
   CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
logo
NEC
UPC1397C NEC-UPC1397C Datasheet
548Kb / 7P
   BIPOLAR ANALOG INTERGRATED CIRCUIT(ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEM)
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
   TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
   QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
   ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
January 2001
logo
Panasonic Semiconductor
AN5355 PANASONIC-AN5355 Datasheet
157Kb / 5P
   ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEMS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com