Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC112 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC112
Description  Dual JK flip-flop with set and reset; negative-edge trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC112 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC112 Datasheet HTML 2Page - NXP Semiconductors 74HC112 Datasheet HTML 3Page - NXP Semiconductors 74HC112 Datasheet HTML 4Page - NXP Semiconductors 74HC112 Datasheet HTML 5Page - NXP Semiconductors 74HC112 Datasheet HTML 6Page - NXP Semiconductors 74HC112 Datasheet HTML 7Page - NXP Semiconductors 74HC112 Datasheet HTML 8Page - NXP Semiconductors 74HC112 Datasheet HTML 9Page - NXP Semiconductors 74HC112 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
1998 Jun 10
6
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
negative-edge trigger
74HC/HCT112
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
74HC
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nCP to nQ
55
175
220
265
ns
2.0
Fig.6
20
35
44
53
4.5
16
30
37
45
6.0
tPHL/ tPLH
propagation delay
nCP to nQ
55
175
220
265
ns
2.0
Fig.6
20
35
44
53
4.5
16
30
37
45
6.0
tPHL/ tPLH
propagation delay
nRD to nQ, nQ
58
180
225
270
ns
2.0
Fig.7
21
36
45
54
4.5
17
31
38
46
6.0
tPHL/ tPLH
propagation delay
nSD to nQ, nQ
50
155
295
235
ns
2.0
Fig.7
18
31
39
47
4.5
14
26
33
40
6.0
tTHL/ tTLH
output transition time
19
75
95
110
ns
2.0
Fig.6
7
15
19
22
4.5
6
13
16
19
6.0
tW
clock pulse width
HIGH or LOW
80
22
100
120
ns
2.0
Fig.6
16
8
20
24
4.5
14
6
17
20
6.0
tW
set or reset pulse width
LOW
80
22
100
120
ns
2.0
Fig.7
16
8
20
24
4.5
14
6
17
20
6.0
trem
removal time
nRD to nCP
80
22
125
150
ns
2.0
Fig.7
16
8
25
30
4.5
14
6
21
26
6.0
trem
removal time
nSD to nCP
80
−19
100
120
ns
2.0
Fig.7
16
−7
20
24
4.5
14
−6
17
20
6.0
tsu
set-up time
nJ, nK to nCP
80
19
100
120
ns
2.0
Fig.6
16
7
20
24
4.5
14
6
17
20
6.0
th
hold time
nJ, nK to nCP
0
−11
0
0
ns
2.0
Fig.6
0
−4
0
0
4.5
0
−3
0
0
6.0
fmax
maximum clock pulse
frequency
6
20
4.8
4.0
MHz
2.0
Fig.6
30
60
24
20
4.5
35
71
28
24
6.0


Similar Part No. - 74HC112

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74HC112 SS-74HC112 Datasheet
683Kb / 6P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC112 NEXPERIA-74HC112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HC112D NEXPERIA-74HC112D Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HC112PW NEXPERIA-74HC112PW Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results

Similar Description - 74HC112

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com