Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED7PXXXATA80XXC25 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED7PXXXATA80XXC25
Description  32MB to 4GB Flash Card
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7PXXXATA80XXC25 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED7PXXXATA80XXC25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7PXXXATA80XXC25 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxATA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Rating
Units
VCC
Power supply
-0.3 to 6.0
V
VIN
Input voltage
-0.3 to VCC+0.3
V
VOUT
Output voltage
-0.3 to VCC+0.3
V
TSTG
Storage temperature
-40 to 125
°C
DC CHARACTERISTICS:
I) Recommended Operating Conditions:
Symbol
Parameter
Min.
Max.
Units
VCC
Power supply
3.0
5.5
V
VIN
Input voltage
0
VCC
V
TOPR
Operating temperature
-20
65
°C
II) General DC Characteristics:
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIL
Input low current
no pull up/down
-1
1
µA
IIH
Input high current
no pull up/down
-1
1
µA
IOZ
Tri-state leakage current
-10
10
µA
CIN
Input capacitance
4
pF
COUT
Output capacitance
4
pF
CBID
Bi-direction capacitance
4
pF
III) DC Electrical Characteristics:
Symbol
Parameter
Min
Typ
Max
Units
VIL
Input low voltage
0.3VCC
V
VIH
Input high voltage
0.7VCC
V
VIL
Schmitt input low voltage
1.22
V
VIH
Schmitt input high voltage
2.08
V
VOL
Output low voltage
0.4
V
VOH
Output high voltage
2.3
1
V
RI
Input pull up/down resistance
75
kΩ


Similar Part No. - WED7PXXXATA80XXC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXATA70XXI25 WEDC-WED7PXXXATA70XXI25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
More results

Similar Description - WED7PXXXATA80XXC25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID245P01 SHARP-ID245P01 Datasheet
2Mb / 32P
   32MB Flash Memory Card
logo
Transcend Information. ...
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
logo
List of Unclassifed Man...
S40FC004 ETC-S40FC004 Datasheet
2Mb / 33P
   4GB , 3.3 V, e.MMC Flash
Revised Feb. 03, 2021
logo
Transcend Information. ...
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Micron Technology
N25Q032A11ESE40G MICRON-N25Q032A11ESE40G Datasheet
885Kb / 82P
   32Mb, 1.8V, Multiple I/O Serial Flash Memory
logo
Transcend Information. ...
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS512MUFM-V TRANSCEND-TS512MUFM-V Datasheet
192Kb / 5P
   512M~4GB USB Flash Module(Vertical)
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com