Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HCPL-553X Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HCPL-553X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 
 5 page
background image
5
Leaded Device Marking
Leadless Device Marking
Outline Drawings
16 Pin Flat Pack, 4 Channels
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
50434
COUNTRY OF MFR.
Agilent CAGE CODE*
Agilent DESIGNATOR
DSCC SMD*
PIN ONE/
ESD IDENT
Agilent P/N
DSCC SMD*
* QUALIFIED PARTS ONLY
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
XXXX
XXXXXX
XXX 50434
DSCC SMD*
Agilent CAGE CODE*
Agilent DESIGNATOR
COUNTRY OF MFR.
Agilent P/N
PIN ONE/
ESD IDENT
DSCC SMD*
* QUALIFIED PARTS ONLY
8.13 (0.320)
MAX.
5.23
(0.206)
MAX.
2.29 (0.090)
MAX.
7.24 (0.285)
6.99 (0.275)
1.27 (0.050)
REF.
0.46 (0.018)
0.36 (0.014)
11.13 (0.438)
10.72 (0.422)
2.85 (0.112)
MAX.
0.89 (0.035)
0.69 (0.027)
0.31 (0.012)
0.23 (0.009)
0.88 (0.0345)
MIN.
9.02 (0.355)
8.76 (0.345)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
20 Terminal LCCC Surface Mount, 2 Channels
8 Pin DIP Through Hole, 1 and 2 Channel
8.70 (0.342)
9.10 (0.358)
4.95 (0.195)
5.21 (0.205)
1.78 (0.070)
2.03 (0.080)
1.02 (0.040) (3 PLCS)
4.95 (0.195)
5.21 (0.205)
8.70 (0.342)
9.10 (0.358)
1.78 (0.070)
2.03 (0.080)
0.51 (0.020)
0.64
(0.025)
(20 PLCS)
1.52 (0.060)
2.03 (0.080)
METALIZED
CASTILLATIONS (20 PLCS)
2.16 (0.085)
TERMINAL 1 IDENTIFIER
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
SOLDER THICKNESS 0.127 (0.005) MAX.
1.14 (0.045)
1.40 (0.055)
3.81 (0.150)
MIN.
4.32 (0.170)
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
7.16 (0.282)
7.57 (0.298)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
4N55Hermetically Sealed Transistor Output Optocouplers for Analog and Digital Applications 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
BFQ74NPN Silicon RF Transistor For low-noise amplifiers in the GHz range and broadband analog and digital applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ81NPN Silicon RF Transistor For low-noise amplifiers up to 2GHz and broadband analog and digital applications 1 2 3 4 5 MoreSiemens Semiconductor Group
2N2907ADCSMDUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N918CSMGENERAL PURPOSE SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N930CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N3019CSMHIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N3209CSMHIGH SPEED PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
BCX17CSMGENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N3439CSM4HIGH VOLTAGE MEDIUM POWER NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl