Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE32K32N-90H1CA Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WE32K32N-90H1CA
Description  32Kx32 EEPROM MODULE, SMD 5962-94614
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE32K32N-90H1CA Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WE32K32N-90H1CA Datasheet HTML 1Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 2Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 3Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 4Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 5Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 6Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 7Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 8Page - White Electronic Designs Corporation WE32K32N-90H1CA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE32K32-XXX
March 2006
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
32Kx32 EEPROM MODULE, SMD 5962-94614
FEATURES
Access Times of 80**, 90, 120, 150ns
MIL-STD-883 Compliant Devices Available
Packaging:
• 68 lead, Hermetic CQFP (G2U), 122.4mm
(0.880") square, 3.56mm (0.140") height
(Package 510).
• 66-pin, PGA Type, 1.075" square, Hermetic
Ceramic HIP (Package 400)
* This product is subject to change without notice.
** 80ns speed is not fully characterized and is subject to change or cancellation without
notice.
Data Retention at 25°C, 10 Years
Write Endurance, 10,000 Cycles
Organized as 32Kx32; User Configurable 64Kx16
or 128Kx8
Commercial, Industrial and Military Temperature
Ranges
Automatic Page Write Operation
Page Write Cycle Time: 10ms Max
Data Polling for End of Write Detection
Hardware and Software Data Protection
TTL Compatible Inputs and Outputs
5 Volt Power Supply
Low Power CMOS, 10mA Standby Typical
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Top View
Block Diagram
32K x 8
8
I/O 0-7
WE 1 # CS1#W E 2 # CS2#W E 3 # CS3#W E 4 # CS4
32K x 8
8
I/O 8-15
32K x 8
8
I/O 16-23
32K x 8
8
I/O 24-31
A 0-14
OE#
I/O8
I/O9
I/O10
A13
A14
NC
NC
NC
I/O0
I/O1
I/O2
WE2#
CS2#
GND
I/O11
A10
A11
A12
VCC
CS1#
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
NC
WE1#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A6
A7
NC
A8
A9
I/O16
I/O17
I/O18
VCC
CS4#
WE4#
I/O27
A3
A4
A5
WE3#
CS3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A0
A1
A2
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
FIGURE 1 – PIN CONFIGURATION FOR
WE32K32N-XH1X
Pin Description
I/O0-31
Data Input/Output
A0-14
Address Inputs
WE1-4#
Write Enable
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected


Similar Part No. - WE32K32N-90H1CA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WE320 XPPOWER-WE320 Datasheet
162Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320 Datasheet
84Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - WE32K32N-90H1CA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com