Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H6006B1SO8A Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # H6006B1SO8A
Description  Failsafe Watchdog
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H6006B1SO8A Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  H6006B1SO8A Datasheet HTML 1Page - EM Microelectronic - MARIN SA H6006B1SO8A Datasheet HTML 2Page - EM Microelectronic - MARIN SA H6006B1SO8A Datasheet HTML 3Page - EM Microelectronic - MARIN SA H6006B1SO8A Datasheet HTML 4Page - EM Microelectronic - MARIN SA H6006B1SO8A Datasheet HTML 5Page - EM Microelectronic - MARIN SA H6006B1SO8A Datasheet HTML 6Page - EM Microelectronic - MARIN SA H6006B1SO8A Datasheet HTML 7Page - EM Microelectronic - MARIN SA H6006B1SO8A Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
H6006
Copyright © 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol Conditions
Voltage VDD to VSS
VDD
-0.3 to +8 V
Voltage at any pin to VSS
VMIN
-0.3
Voltage at any pin to VDD(except
VIN)
VMAX
+0.3
Voltage at VIN to VSS
VINMAX
+15 V
Current at any output
IMAX
±10 mA
Storage temperature
TSTO
-65… +150
°C
Table 1
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur
when all terminal voltages are kept within the supply voltage
range. Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol Min.
Typ Max. Units
Operating temperature
Industrial
TAI
-40
+85
°C
Supply voltage
VDD
1.5
5.5
V
Comparator input
voltage
Version A2, A3,
B2,B3
VIN
0
VDD
V
Version B1
VIN
0
12
V
RC-oscillator
programming
(see Fig. 15)
External capacitance
C1
100
nF
External resistance
R1
10
k
Table 2
Electrical Characteristics
VDD = 5.0 V, TA = -40 to +85 °C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
VDD activation threshold
VON
TA = 25 °C
3
3.5
V
VDD deactivation threshold
VOFF
TA = 25 °C
VON - 1.5
V
Supply current
IDD
RC open, TCL= 5 V, VIN = 0 V
50
140
µA
Input VIN,, TCL
Leakage current
IIP
VSS ≤ VIP ≤ VDD;
TA = 85 °C
0.005
1
µA
Input current on pin VIN
IIN
Version B1; VIN = 10 V
100
180
µA
TCL input low level
VIL
0.8
V
TCL input high level
VIH
2.4
V
TO
, RES . SAVE Outputs
Leakage current
IOLK
Versions A2, A3;
VOUT = VDD
0 .05
1
µA
Drive currents (all versions)
IOL
VOL = 0.4 V
3.2
8
mA
IOL
VDD = 3.5 V; VOL = 0.4 V
2
mA
IOL
VDD = 1.6 V; VOL = 0.4 V
80
µA
Drive currents
IOH
VOH = 4.0 V
3.2
8
mA
(versions B1, B2, B3)
1)
IOH
VDD = 3.5 V; VOH ≥ 2.8 V
2
mA
IOH
VDD = 1.6 V; VOH = VDD-0.4
80
µA
1)Versions: An = open drain outputs; Bn = push-pull outputs
Table 3
VIN Surveillance
Voltage thresholds at TA = 25 °C
Version
1)
Comparator Reference
Input Resistance
RVIN
Thresholds
Threshold
Tolerance
Ratio
Tolerance
3)
B1
VDD
100k
9.00 8.00 7.00
2)
± 5%
+2%
A2, B2
VDD
~100M
2.25 2.00 1.75
2)
± 5%
+2%
A3, B3
Band-gap reference
~100M
2.00 1.95 1.90
± 10%
+2%
1) Versions: An = open drain outputs; Bn = push-pull outputs
2) at VDD = 5 V
3) Threshold ratio as VSH/VSL or VSL/VRL
Table 4


Similar Part No. - H6006B1SO8A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60060-1 COOPER-H60060-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-1 COOPER-H60060-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-2 COOPER-H60060-2 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-2 COOPER-H60060-2 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-3 COOPER-H60060-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results

Similar Description - H6006B1SO8A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6169 PASTERNACK-PE71S6169 Datasheet
463Kb / 6P
   Failsafe Switch
logo
National Semiconductor ...
DS36276 NSC-DS36276 Datasheet
236Kb / 12P
   FAILSAFE Multipoint Transceiver
logo
Texas Instruments
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
logo
ATMEL Corporation
ATA6842 ATMEL-ATA6842 Datasheet
661Kb / 29P
   Automotive Failsafe System IC
ATA6814 ATMEL-ATA6814 Datasheet
636Kb / 29P
   Automotive Failsafe System IC
logo
Teledyne Technologies I...
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com