Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE128K8-300CI Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WE128K8-300CI
Description  512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE128K8-300CI Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WE128K8-300CI Datasheet HTML 5Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 6Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 7Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 8Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 9Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 10Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 11Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 12Page - White Electronic Designs Corporation WE128K8-300CI Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
WE512K8, WE256K8,
WE128K8-XCX
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2000
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 20
TO
ADDRESS 5555
LOAD DATA XX
TO
ANY ADDRESS(4)
LOAD LAST BYTE
TO
LAST ADDRESS
(1)
FIGURE 11 –
SOFTWARE BLOCK DATA
PROTECTION DISABLE ALGORITHM
SOFTWARE DATA PROTECTION
A software write protection feature may be enabled
or disabled by the user. When shipped by White
Microelectronics, the devices have the feature disabled.
Write access to the device is unrestricted.
To enable software write protection, the user writes three
access code bytes to three special internal locations.
Once write protection has been enabled, each write to the
EEPROM must use the same three byte write sequence
to permit writing. After setting software data protection,
any attempt to write to the device without the three-byte
command sequence will start the internal write timers. No
data will be written to the device, however, for the duration
of tWC. The write protection feature can be disabled by
a six byte write sequence of specific data to specific
locations. Power transitions will not reset the software
write protection.
Each 32K byte block (128K bytes for the WE512K8)
of EEPROM has independent write protection. One or
more blocks may be enabled and the rest disabled in any
combination. The software write protection guards against
inadvertent writes during power transitions or unauthorized
modification using a PROM programmer. The block
selection is controlled by the upper most address lines
(A17 through A18 for the WE512K8, A15 through A17 for the
WE256K8, or A15 and A16 for the WE128K8).
HARDWARE DATA PROTECTION
Several methods of hardware data protection have been
implemented in the White Microelectronics EEPROM.
These are included to improve reliability during normal
operations.
a)
VCC power on delay
As VCC climbs past 3.8V typical the device will wait
5mSec typical before allowing write cycles.
b)
VCC sense
While below 3.8V typical write cycles are inhibited.
c)
Write inhibiting
Holding OE# low and either CS# or WE# high
inhibits write cycles.
d)
Noise filter
Pulses of <8ns (typ) on WE# or CS# will not initiate
a write cycle.
NOTES:
1. Data Format: I/O7-0 (Hex);
Address Format: A14 -A0 (Hex).
A17 and A18 control selection of one of four blocks in the 512Kx8.
A15, A16, and A17 control selection of one of 8 pages in the 256Kx8.
A15 and A16 control one of the four blocks in the 128Kx8.
2. Write Protect state will be activated at end of write even if no other data is
loaded.
3. Write Protect state will be deactivated at end of write period even if no other
data is loaded.
4. 1 to 128 bytes of data at each of 4 blocks may be loaded in the 512Kx8.
1 to 64 bytes of data at each of 8 blocks may be loaded in the 256Kx8 and
1 to 64 bytes on 4 blocks in the 128Kx8.
EXIT DATA
PROTECT STATE(3)


Similar Part No. - WE128K8-300CI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WE128K32N-140G2TC WEDC-WE128K32N-140G2TC Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WE128K32N-140G2TCA WEDC-WE128K32N-140G2TCA Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WE128K32N-140G2TI WEDC-WE128K32N-140G2TI Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WE128K32N-140G2TIA WEDC-WE128K32N-140G2TIA Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
More results

Similar Description - WE128K8-300CI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com