Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H6006A3SO8A Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # H6006A3SO8A
Description  Failsafe Watchdog
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H6006A3SO8A Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  H6006A3SO8A Datasheet HTML 1Page - EM Microelectronic - MARIN SA H6006A3SO8A Datasheet HTML 2Page - EM Microelectronic - MARIN SA H6006A3SO8A Datasheet HTML 3Page - EM Microelectronic - MARIN SA H6006A3SO8A Datasheet HTML 4Page - EM Microelectronic - MARIN SA H6006A3SO8A Datasheet HTML 5Page - EM Microelectronic - MARIN SA H6006A3SO8A Datasheet HTML 6Page - EM Microelectronic - MARIN SA H6006A3SO8A Datasheet HTML 7Page - EM Microelectronic - MARIN SA H6006A3SO8A Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
H6006
Copyright © 2004, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Failsafe Watchdog
Description
The H6006 is a monolithic low power CMOS device
combining a programmable digital timer and a series of
voltage comparators on the same chip. The device is
specially convenient for Watch-Dog functions such as
microprocessor and supply voltage monitoring. The
watchdog part is designed to be used in all applications
where it is important that after the occurrence of a
malfunction the microprocessor system is stopped to avoid
further damage. The timeout warning signal ( TO ) can be
used to try to reactivate the system before halting it. The
voltage monitoring part provides double security by
combining both unregulated voltage and regulated voltage
monitoring simultaneously. The H6006 initializes the power-
on reset after VIN reached VSH and VDD raises above 3.5 V. If
VIN drops below VSL, the H6006 gives an advanced warning
signal for register saving and if the voltage drops further
below VRL, RES goes active. The H6006 functions at any
supply voltage down to 1.5 V and is therefore particularly
suited for start-up and shut-down control of microprocessor
systems
Features
Failsafe watchdog function: timeout warning after 1st
timeout period, reset after 2nd timeout period, reset
remains active to avoid further failures
Standard timeout period and power-on reset time
(10 ms), externally programmable if required
VIN monitoring with 3 standard or programmable trigger
voltages for: power-on reset initialization, advanced
power-fail warning ( SAVE ), reset at power-down ( RES )
VDD monitoring: power-on reset initialization enabled
only if VDD ≥ 3.5 V
Internal voltage reference
Works down to 1.5 V supply voltage
Push-pull or Open drain outputs
Low current consumption
Available for normal and extended temperature range
SO8 package
Applications
Microprocessor and microcontroller systems
Point of sales equipment
Telecom products
Automotive subsystems
Typical Operating Configuration
Pin Assignment
EM MICROELECTRONIC - MARIN SA
Voltage
Regulator
5 V
GND
Fig. 1
Micro-
processor
I/O
VDD
TO
SAVE
RES
VIN
TCL
VSS
INT
NMI
RES
SO8
VDD
H6006
Fig. 2
VIN
TCL
RC
VSS
TO
SAVE
RES


Similar Part No. - H6006A3SO8A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60060-1 COOPER-H60060-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-1 COOPER-H60060-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-2 COOPER-H60060-2 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-2 COOPER-H60060-2 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60060-3 COOPER-H60060-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results

Similar Description - H6006A3SO8A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6169 PASTERNACK-PE71S6169 Datasheet
463Kb / 6P
   Failsafe Switch
logo
National Semiconductor ...
DS36276 NSC-DS36276 Datasheet
236Kb / 12P
   FAILSAFE Multipoint Transceiver
logo
Texas Instruments
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
logo
ATMEL Corporation
ATA6842 ATMEL-ATA6842 Datasheet
661Kb / 29P
   Automotive Failsafe System IC
ATA6814 ATMEL-ATA6814 Datasheet
636Kb / 29P
   Automotive Failsafe System IC
logo
Teledyne Technologies I...
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com