Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DL328V8BI Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WED3DL328V8BI
Description  8Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DL328V8BI Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WED3DL328V8BI Datasheet HTML 4Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 5Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 6Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 7Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 8Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 9Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 10Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 11Page - White Electronic Designs Corporation WED3DL328V8BI Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3DL328V
June, 2002
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Current State
CKE
Command
Action
Notes
Previous
Cycle
Current
Cycle
CE#
RAS#
CAS#
WE# BA0-1 A10-11
Self Refresh
H
X
X
X
X
X
X
X
INVALID
1
L
H
H
X
X
X
X
X
Exit Self Refresh with Device Deselect
2
L
H
L
H
H
H
X
X
Exit Self Refresh with No Operation
2
L
H
L
H
H
L
X
X
ILLEGAL
2
L
H
L
H
L
X
X
X
ILLEGAL
2
L
H
L
L
X
X
X
X
ILLEGAL
2
L
L
X
X
X
X
X
X
Maintain Self Refresh
Power Down
H
X
X
X
X
X
X
X
INVALID
1
L
H
H
X
X
X
X
X
Power Down Mode exit, all banks idle
2
L
H
L
X
X
X
X
X
ILLEGAL
2
H
X
L
H
L
L
X
Maintain Power Down Mode
2
All Banks Idle
H
H
H
X
X
X
Refer to the Idle State section of the
Current State Truth Table
3
H
H
L
H
X
X
H
H
L
L
H
X
H
H
L
L
L
H
X
X
CBR Refresh
H
H
L
L
L
L
OP Code
Mode Register Set
4
H
L
H
X
X
X
Refer to the Idle State section of the
Current State Truth Table
3
H
L
L
H
X
X
H
L
L
L
H
X
H
L
L
L
L
H
X
X
Entry Self Refresh
4
H
H
L
L
L
L
OP Code
Mode Register Set
L
X
X
X
X
X
X
X
Power Down
4
Any State other
than listed above
H
H
X
X
X
X
X
X
Refer to the Operations in the Current
State Truth Table
H
L
X
X
X
X
X
X
Begin Clock Suspend next cycle
5
L
H
X
X
X
X
X
X
Exit Clock Suspend next cycle
L
L
X
X
X
X
X
X
Maintain Clock Suspend
NOTES:
1. For the given Current State CKE must be low in the previous cycle.
2. When CKE has a low to high transition, the clock and other inputs are re-enabled asynchronously. The minimum setup time for CKE (tCKS) must be satisfied before any
command other than Exit is issued.
3. The address inputs (A11-0) depend on the command that is issued. See the Idle State section of the Current State Truth Table for more information.
4. The Power Down Mode, Self Refresh Mode, and the Mode Register Set can only be entered from the all banks idle state.
Must be a legal command as defined in the Current State Truth Table.
CLOCK ENABLE (CKE) TRUTH TABLE


Similar Part No. - WED3DL328V8BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BC WEDC-WED3DL3216V10BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BI WEDC-WED3DL3216V10BI Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10ES WEDC-WED3DL3216V10ES Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V7BC WEDC-WED3DL3216V7BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
More results

Similar Description - WED3DL328V8BI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222F HYNIX-HY5DU573222F Datasheet
266Kb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Integrated Silicon Solu...
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
logo
White Electronic Design...
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
Integrated Silicon Solu...
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD8M32F4E HANBIT-HMD8M32F4E Datasheet
64Kb / 6P
   32Mbyte(8Mx32) EDO Mode 4K Ref. 100Pin SMM, 5V Design
logo
List of Unclassifed Man...
TM50S116T-7G ETC2-TM50S116T-7G Datasheet
92Kb / 7P
   SDRAM
logo
Hanbit Electronics Co.,...
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com