Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG644V100D1I-MG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED3DG644V100D1I-MG
Description  32MB - 4Mx64 SDRAM, UNBUFFERED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG644V100D1I-MG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED3DG644V100D1I-MG Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG644V100D1I-MG Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG644V100D1I-MG Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG644V100D1I-MG Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG644V100D1I-MG Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG644V100D1I-MG Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG644V100D1I-MG Datasheet HTML 7Page - White Electronic Designs Corporation WED3DG644V100D1I-MG Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WED3DG644V-D1
White Electronic Designs
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
June 2006
Rev. 3
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, TA = 0°C to +70°C)
Version
Parameter
Symbol
Conditions
133/100
Units
Note
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≤ tRC(min)
IOL = 0mA
300
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
4
mA
ICC2PS
CKE & CLK ≤ VIL(max), tCC = ∞
4
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc =10ns
Input signals are charged one time during 20
48
mA
ICC2NS
CKE ≥ VIH(min), CLK ≥VIL(max), tCC = ∞
Input signals are stable
24
Active Standby Current in
Power-Down Mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
8
mA
ICC3PS
CKE & CLK ≤ VIL(max), tCC = ∞
8
Active Standby Current in
Non-Power Down Mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc = 10ns
Input signals are changed one time during 20ns
80
mA
ICC3NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tcc = ∞
Input signals are stable
40
mA
Operating Current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CLK
460
mA
1
Refresh Current
ICC5
tRC ≥ tRC(min)
360
mA
2
Self Refresh Current
ICC6
CKE ≤ 0.2V
4
mA
Notes:
1.
Measured with outputs open.
2.
Refresh period is 64ms.


Similar Part No. - WED3DG644V100D1I-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V10D1 WEDC-WED3DG6417V10D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V75D1 WEDC-WED3DG6417V75D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V7D1 WEDC-WED3DG6417V7D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG644V100D1I-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG644V-D2 WEDC-W3DG644V-D2 Datasheet
117Kb / 6P
   32MB - 4M x 64 SDRAM UNBUFFERED
WED3DL644V WEDC-WED3DL644V Datasheet
918Kb / 28P
   4Mx64 SDRAM
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
M366S0924FTS SAMSUNG-M366S0924FTS Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S1723ET SAMSUNG-M366S1723ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M464S6554BTS SAMSUNG-M464S6554BTS Datasheet
277Kb / 15P
   SDRAM Unbuffered SODIMM
M464S3254ET SAMSUNG-M464S3254ET Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
White Electronic Design...
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com