Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE256K8-250CM Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WE256K8-250CM
Description  512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE256K8-250CM Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WE256K8-250CM Datasheet HTML 2Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 3Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 4Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 5Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 6Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 7Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 8Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 9Page - White Electronic Designs Corporation WE256K8-250CM Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
WE512K8, WE256K8,
WE128K8-XCX
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2000
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
WRITE CYCLE TIMING
Figures 6 and 7 show the write cycle timing relationships.
A write cycle begins with address application, write enable
and chip select. Chip select is accomplished by placing
the CS# line low. Write enable consists of setting the WE
line low. The write cycle begins when the last of either CS#
or WE# goes low.
The WE# line transition from high to low also initiates
an internal 150µsec delay timer to permit page mode
operation. Each subsequent WE# transition from high to
low that occurs before the completion of the 150µsec time
out will restart the timer from zero. The operation of the
timer is the same as a retriggerable one-shot.
WRITE
Write operations are initiated when both CS# and WE#
are low and OE# is high. The EEPROM devices support
both a CS# and WE# controlled write cycle. The address is
latched by the falling edge of either CS# or WE#, whichever
occurs last.
The data is latched internally by the rising edge of either
CS# or WE#, whichever occurs first. A byte write operation
will automatically continue to completion.
AC WRITE CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
512K x 8
256K x 8
128K x 8
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time, TYP = 6mS
tWC
10
10
10
ms
Address Set-up Time
tAS
10
30
30
ns
Write Pulse Width (WE# or CS#)
tWP
150
150
150
ns
Chip Select Set-up Time
tCS
000
ns
Address Hold Time (1)
tAH
125
50
50
ns
Data Hold Time
tDH
10
0
0
ns
Chip Select Hold Time
tCH
000
ns
Data Set-up Time
tDS
100
100
100
ns
Output Enable Set-up Time
tOES
10
30
30
ns
Output Enable Hold Time
tOEH
10
0
0
ns
Write Pulse Width High
tWPH
50
50
50
ns
NOTES:
1. A17 and A18 must remain valid through WE# and CS# low pulse, for 512K x 8.
A15, A16, and A17 must remain valid through WE# and CS# low pulse, for 256K x 8.
A15 and A16 must remain valid through WE# and CS# low pulse, for 128K x 8.


Similar Part No. - WE256K8-250CM

ManufacturerPart #DatasheetDescription
logo
SICK AG
WE24-2B240 SICK-WE24-2B240 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B333 SICK-WE24-2B333 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B430 SICK-WE24-2B430 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B440 SICK-WE24-2B440 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2R230 SICK-WE24-2R230 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WE256K8-250CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com