Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG6419V7D2 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED3DG6419V7D2
Description  128MB - 16Mx64 SDRAM UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6419V7D2 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED3DG6419V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6419V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6419V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6419V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6419V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6419V7D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Aug. 2002
Rev. 2
WED3DG6419V-D2
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
OPERATING CURRENT CHARACTERISTICS
VCC = 3.3V, 0°C
TA 70°C
Parameters
Symbol
Conditions
Versions
Units
Note
133
100
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
1760
1760
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
15
mA
ICC2PS
CKE & CK ≤ VIL(max), tCC = ∞
15
mA
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC =10ns
Input signals are charged one time during 20
240
mA
ICC2NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC= ∞
Input signals are stable
100
mA
Active standby current in power-
down mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
50
mA
ICC3PS
CKE & CK ≤ VIL(max), tCC = ∞
50
Active standby in current non
power-down mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are charged one time during 20ns
480
mA
ICC3NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC = ∞
input signals are stable
400
mA
Operating current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CK
2160
2160
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
2160
2160
mA
2
Self refresh current
ICC6
CKE ≤ 0.2V
15
mA
Notes:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS (VIH/VIL = VCC/VssQ)


Similar Part No. - WED3DG6419V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V10D1 WEDC-WED3DG6417V10D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V75D1 WEDC-WED3DG6417V75D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V7D1 WEDC-WED3DG6417V7D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results

Similar Description - WED3DG6419V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com