Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG6417V75D1 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED3DG6417V75D1
Description  128MB- 16Mx64 SDRAM, UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6417V75D1 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED3DG6417V75D1 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6417V75D1 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6417V75D1 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6417V75D1 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6417V75D1 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6417V75D1 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WED3DG6417V-D1
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2004
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
128MB- 16Mx64 SDRAM, UNBUFFERED
PC100 and PC133 compatible
Burst Mode Operation
Auto and Self Refresh capability
LVTTL compatible inputs and outputs
Serial Presence Detect with EEPROM
Fully synchronous: All signals are registered on the positive
edge of the system clock
Programmable Burst Lengths: 1, 2, 4, 8 or Full Page
3.3V ± 0.3V Power Supply
144 pin SO-DIMM JEDEC
The WED3DG6417V is a 16Mx64 synchronous DRAM
module which consists of four 16Mx16 SDRAM components
in TSOP II package, and one 2Kb EEPROM in an 8 pin
TSSOP package for Serial Presence Detect which
are mounted on a 144 pin SO-DIMM multilayer FR4
Substrate.
* This product is subject to change without notice.
DESCRIPTION
FEATURES
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
PIN NAMES
*
These pins are not used in this module.
** These pins should be NC in the system which
does not support SPD.
A0 – A12
Address Input (Multiplexed)
BA0-1
Select Bank
DQ0-63
Data Input/Output
CLK0
Clock Input
CKE0
Clock Enable Input
CS0#
Chip Select Input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DQM0-7
DQM
VCC
Power Supply (3.3V)
VSS
Ground
SDA
Serial Data I/O
SCL
Serial Clock
DNU
Do Not Use
NC
No Connect
PINOUT
PIN
FRONT
PIN
BACK
PIN
FRONT
PIN
BACK
PIN
BACK
PIN
BACK
1VSS
2VSS
51
DQ14
52
DQ46
95
DQ21
96
DQ53
3
DQ0
4
DQ32
53
DQ15
54
DQ47
97
DQ22
98
DQ54
5DQ1
6
DQ33
55
VSS
56
VSS
99
DQ23
100
DQ55
7
DQ2
8
DQ34
57
NC
58
NC
101
VCC
102
VCC
9
DQ3
10
DQ35
59
NC
60
NC
103
A6
104
A7
11
VCC
12
VCC
105
A8
106
BA0
13
DQ4
14
DQ36
107
VSS
108
VSS
15
DQ5
16
DQ37
109
A9
110
BA1
17
DQ6
18
DQ38
61
CLK0
62
CKE0
111
A10/AP
112
A11
19
DQ7
20
DQ39
63
VCC
64
VCC
113
VCC
114
VCC
21
VSS
22
VSS
65
RAS#
66
CAS#
115
DQM2
116
DQM6
23
DQM0
24
DQM4
67
WE#
68
*CKE1
117
DQM3
118
DQM7
25
DQM1
26
DQM5
69
CS0#
70
A12
119
VSS
120
VSS
27
VCC
28
VCC
71
*CS1#
72
*A13
121
DQ24
122
DQ56
29
A0
30
A3
73
DNU
74
*CLK1
123
DQ25
124
DQ57
31
A1
32
A4
75
VSS
76
VSS
125
DQ26
126
DQ58
33
A2
34
A5
77
NC
78
NC
127
DQ27
128
DQ59
35
VSS
36
VSS
79
NC
80
NC
129
VCC
130
VCC
37
DQ8
38
DQ40
81
VCC
82
VCC
131
DQ28
132
DQ60
39
DQ9
40
DQ41
83
DQ16
84
DQ48
133
DQ29
134
DQ61
41
DQ10
42
DQ42
85
DQ17
86
DQ49
135
DQ30
136
DQ62
43
DQ11
44
DQ43
87
DQ18
88
DQ50
137
DQ31
138
DQ63
45
VCC
46
VCC
89
DQ19
90
DQ51
139
VSS
140
VSS
47
DQ12
48
DQ44
91
VSS
92
VSS
141
**SDA
142
**SCL
49
DQ13
50
DQ45
93
DQ20
94
DQ52
143
VCC
144
VCC
VOLTAGE KEY


Similar Part No. - WED3DG6417V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V10D2 WEDC-WED3DG6419V10D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V75D2 WEDC-WED3DG6419V75D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V7D2 WEDC-WED3DG6419V7D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG6417V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com