Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG649V75D2 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED3DG649V75D2
Description  64MB- 8M x 64 SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG649V75D2 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED3DG649V75D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG649V75D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG649V75D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG649V75D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG649V75D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
June 2003
Rev. 1
WED3DG649V-D2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, 0°C
TA 70°C)
Notes: 1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS (VIH/VIL = VCC/VSSQ)
Parameters
Symbol
Conditions
Versions
Units
Note
133
100
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
520
440
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
10
mA
ICC2PS
CKE & CK ≤ VIL(max), tCC = ∞
10
mA
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC =10ns
Input signals are charged one time during 20
80
mA
ICC2NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC= ∞
Input signals are stable
40
mA
Active standby current in power-
down mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
20
mA
ICC3PS
CKE & CK ≤ VIL(max), tCC = ∞
20
Active standby in current non
power-down mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are charged one time during 20ns
120
mA
ICC3NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC = ∞
input signals are stable
100
mA
Operating current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CK
600
520
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
880
760
mA
2
Self refresh current
ICC6
CKE ≤ 0.2V
10
mA


Similar Part No. - WED3DG649V75D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG649V75D1 WEDC-WED3DG649V75D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
More results

Similar Description - WED3DG649V75D2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
WED3DG728V-D1 WEDC-WED3DG728V-D1 Datasheet
170Kb / 6P
   64MB - 8Mx72 SDRAM UNBUFFERED
W3DG647V-D1 WEDC-W3DG647V-D1 Datasheet
80Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
logo
Mosel Vitelic, Corp
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com