Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3C7410E16M450BC Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED3C7410E16M450BC
Description  RISC Microprocessor Multichip Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3C7410E16M450BC Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED3C7410E16M450BC Datasheet HTML 2Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 3Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 4Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 5Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 6Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 7Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 8Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 9Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3C7410E16M-XBX
May 2006
Rev. 9
Signal Name
Pin Number
Active
I/O
1.8V (7)
2.5V (7)
3.3V (7)
SYSCLK
C9
Input
TA#
H14
Low
Input
TBEN
C2
High
Input
TBST#
A14
Low
Output
TCK
C11
High
Input
TDI (6)
A11
High
Input
TDO
A12
High
Output
TEA#
H13
Low
Input
TMS (6)
B11
High
Input
TRST# (6)
C10
Low
Input
TS#
J13
Low
I/O
TSIZ[0-2]
A13, D10, B12
High
Output
TT[0-4]
B13, A15, B16, C14, C15
High
I/O
VCC (2)
F6, F8, F9, F11, G7, G10, H4, H6, H8, H9, H11, J6, J8, J9, J11, K7, K10, L6, L8, L9
Input
1.8V
1.8V
1.8V
WT#
D2
Low
I/O
PACKAGE PINOUT LISTING (continued)
NOTES:
1.
These are test signals for factory use only and must be pulled up to OVCC for
normal machine operation.
2.
OVCC inputs supply power to the I/O drivers and VCC inputs supply power to the
processor core.
3.
To allow future L2 cache I/O interface voltage changes.
4.
To allow processor bus I/O voltage changes, provide the option to connect BVSEL
to HRESET# (Selects 2.5V Interface) or to GND (Selects 1.8V Interface) or to
OVCC (Selects 3.3V Interface).
5.
Uses one of 9 existing no-connects in WEDC’s WED3C755A8M-XBX.
6.
Internal pull up on die.
7.
OVCC supplies power to the processor bus, JTAG, and all control signals except
the L2 cache controls (L2CE, L2WE, and L2ZZ); L2OVCC supplies power to the L2
cache I/O interface (L2ADDR (0-18], L2DATA (0-63), L2DP{0-7] and L2SYNC-
OUT) and the L2 control signals; L2AVCC supplies power to the SSRAM core
memory; and VCC supplies power to the processor core and the PLL and DLL (after
filtering to become AVCC and L2AVCC respectively). These columns serve as a
reference for the nominal voltage supported on a given signal as selected by the
BVSEL pin configuration and the voltage supplied. For actual recommended value
of Vin or supply voltages see Recommended Operating Conditions.
8.
Output only for 7410, was I/O for 750/755.
9.
Enhanced mode only.
10. Deasserted (pulled high) at HRESET# for 60x bus mode.
11. Reuses 750/755 DRTRY#, DBIS#, and TLBISYNC pins (DTI1, DTI2, and EMODE#
respectively).
12. Unused output in 60x bus mode.
13. Connect to HRESET# to trigger post power-on-reset (por) internal memory test.
14. Ignored in 60x bus mode.


Similar Part No. - WED3C7410E16M450BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M450BH9C WEDC-WED3C7410E16M450BH9C Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BH9I WEDC-WED3C7410E16M450BH9I Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BH9M WEDC-WED3C7410E16M450BH9M Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BHC WEDC-WED3C7410E16M450BHC Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BHI WEDC-WED3C7410E16M450BHI Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
More results

Similar Description - WED3C7410E16M450BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
   A MIPS R4400 RISC Microprocessor Multichip Module
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C44B0X SAMSUNG-S3C44B0X Datasheet
1Mb / 424P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com