Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG644V133D1-M Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WED3DG644V133D1-M
Description  32MB - 4Mx64 SDRAM, UNBUFFERED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG644V133D1-M Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WED3DG644V133D1-M Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG644V133D1-M Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG644V133D1-M Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG644V133D1-M Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG644V133D1-M Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG644V133D1-M Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG644V133D1-M Datasheet HTML 7Page - White Electronic Designs Corporation WED3DG644V133D1-M Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WED3DG644V-D1
White Electronic Designs
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
June 2006
Rev. 3
FUNCTIONAL BLOCK DIAGRAM
DQM4
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM1
UDQM
LDQM
LDQM
CS#
CS#
CS#
CS0#
DQM0
DQM4
DQM2
DQM3
UDQM
DQM6
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM5
UDQM
LDQM
DQ48
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
LDQM
CS#
DQM7
UDQM
SERIAL PD
SCL
BA0
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
RAS#
CAS#
WE#
CKE0
DQn
Every DQpin of SDRAM
10 Ω
VCC
VCC
TWO 0.1 uF CAPACITORS
PER EACH SDRAM
To all SDRAMS
47
SDA
WP
SA0
SA1
SA2
CLK1
10 Ω
10pF
A0-A11
SDRAM
SDRAM
SDRAM
CLK0
SDRAM
SDRAM
10Ω
10Ω
Notes: 1. All resistor values are 10 ohms unless otherwise specified.
2. D1 option does not have series resistors.


Similar Part No. - WED3DG644V133D1-M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V10D1 WEDC-WED3DG6417V10D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V75D1 WEDC-WED3DG6417V75D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V7D1 WEDC-WED3DG6417V7D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG644V133D1-M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG644V-D2 WEDC-W3DG644V-D2 Datasheet
117Kb / 6P
   32MB - 4M x 64 SDRAM UNBUFFERED
WED3DL644V WEDC-WED3DL644V Datasheet
918Kb / 28P
   4Mx64 SDRAM
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
M366S0924FTS SAMSUNG-M366S0924FTS Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S1723ET SAMSUNG-M366S1723ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M464S6554BTS SAMSUNG-M464S6554BTS Datasheet
277Kb / 15P
   SDRAM Unbuffered SODIMM
M464S3254ET SAMSUNG-M464S3254ET Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
White Electronic Design...
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com