Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC03D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC03D
Description  Quad 2-input NAND gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC03D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC03D Datasheet HTML 1Page - NXP Semiconductors 74HC03D Datasheet HTML 2Page - NXP Semiconductors 74HC03D Datasheet HTML 3Page - NXP Semiconductors 74HC03D Datasheet HTML 4Page - NXP Semiconductors 74HC03D Datasheet HTML 5Page - NXP Semiconductors 74HC03D Datasheet HTML 6Page - NXP Semiconductors 74HC03D Datasheet HTML 7Page - NXP Semiconductors 74HC03D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
December 1990
3
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 4, 9, 12
1A to 4A
data inputs
2, 5, 10, 13
1B to 4B
data inputs
3, 6, 8, 11
1Y to 4Y
data outputs
7
GND
ground (0 V)
14
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.
Fig.5 Logic diagram (one gate).
FUNCTION TABLE
Note
1. H = HIGH voltage level
L = LOW voltage level
Z = high impedance OFF-state
INPUTS
OUTPUT
nA
nB
nY
L
L
H
H
L
H
L
H
Z
Z
Z
L


Similar Part No. - 74HC03D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC03D NEXPERIA-74HC03D Datasheet
226Kb / 11P
   Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
74HC03D-Q100 NEXPERIA-74HC03D-Q100 Datasheet
708Kb / 14P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74HC03DB PHILIPS-74HC03DB Datasheet
58Kb / 8P
   Quad 2-input NAND gate
December 1990
logo
Nexperia B.V. All right...
74HC03DB-Q100 NEXPERIA-74HC03DB-Q100 Datasheet
708Kb / 14P
   Quad 2-input NAND gate
More results

Similar Description - 74HC03D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com