Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC03D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC03D
Description  Quad 2-input NAND gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC03D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC03D Datasheet HTML 1Page - NXP Semiconductors 74HC03D Datasheet HTML 2Page - NXP Semiconductors 74HC03D Datasheet HTML 3Page - NXP Semiconductors 74HC03D Datasheet HTML 4Page - NXP Semiconductors 74HC03D Datasheet HTML 5Page - NXP Semiconductors 74HC03D Datasheet HTML 6Page - NXP Semiconductors 74HC03D Datasheet HTML 7Page - NXP Semiconductors 74HC03D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
December 1990
2
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
FEATURES
• Level shift capability
• Output capability: standard (open drain)
• ICC category: SSI
GENERAL DESCRIPTION
The 74HC/HCT03 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT03 provide the 2-input NAND function.
The 74HC/HCT03 have open-drain N-transistor outputs,
which are not clamped by a diode connected to VCC. In
the OFF-state, i.e. when one input is LOW, the output
may be pulled to any voltage between GND and VOmax.
This allows the device to be used as a LOW-to-HIGH or
HIGH-to-LOW level shifter. For digital operation and
OR-tied output applications, these devices must have a
pull-up resistor to establish a logic HIGH level.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2× fi + ∑ (CL × VCC2 × fo) + ∑ (VO2/RL) × duty factor LOW, where:
fi = input frequency in MHz
fo = output frequency in MHz
VO = output voltage in V
CL = output load capacitance in pF
VCC = supply voltage in V
RL = pull-up resistor in MΩ
∑ (CL × VCC2 × fo) = sum of outputs
∑ (VO2/RL) = sum of outputs
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
3. The given value of CPD is obtained with:
CL = 0 pF and RL = ∞
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPZL/ tPLZ
propagation delay
CL = 15 pF; RL =1 kΩ; VCC = 5 V 8
10
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per gate
notes 1, 2 and 3
4.0
4.0
pF


Similar Part No. - 74HC03D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC03D NEXPERIA-74HC03D Datasheet
226Kb / 11P
   Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
74HC03D-Q100 NEXPERIA-74HC03D-Q100 Datasheet
708Kb / 14P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74HC03DB PHILIPS-74HC03DB Datasheet
58Kb / 8P
   Quad 2-input NAND gate
December 1990
logo
Nexperia B.V. All right...
74HC03DB-Q100 NEXPERIA-74HC03DB-Q100 Datasheet
708Kb / 14P
   Quad 2-input NAND gate
More results

Similar Description - 74HC03D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com