Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED2ZL361MS28BI Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED2ZL361MS28BI
Description  1Mx36 Synchronous Pipeline Burst NBL SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZL361MS28BI Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED2ZL361MS28BI Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZL361MS28BI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZL361MS
Oct, 2002
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
The WEDC SyncBurst - SRAM family employs high-speed,
low-power CMOS designs that are fabricated using an
advanced CMOS process. WEDC’s 32Mb SyncBurst
SRAMs integrate two 1M x 18 SRAMs into a single BGA
package to provide 1M x 36 configuration. All synchronous
inputs pass through registers controlled by a positive-
edge-triggered single-clock input (CK). The NBL or No
Bus Latency Memory utilizes all the bandwidth in any
combination of operating cycles. Address, data inputs, and
all control signals except output enable and linear burst
order are synchronized to input clock. Burst order control
must be tied “High or Low.” Asynchronous inputs include the
sleep mode enable (ZZ). Output Enable controls the outputs
at any given time. Write cycles are internally self-timed and
initiated by the rising edge of the clock input. This feature
eliminates complex off-chip write pulse generation and
provides increased timing flexibility for incoming signals.
1Mx36 Synchronous Pipeline Burst NBL SRAM
BLOCK DIAGRAM
PIN CONFIGURATION
(TOP VIEW)
Address Bus
(SA0 - SA19)
DQa, DQb
DQPa, DQPb
DQc, DQd
DQPc, DQPd
DQa - DQd
DQPa - DQPd
1M x 18
1M x 18
CK
CKE#
ADV#
LBO#
CS1#
CS2
CS2#
OE#
WE#
ZZ
CK
CKE#
ADV#
LBO#
CE1#
CE2
CE2#
OE#
WE#
ZZ
CK
CKE#
ADV#
LBO#
CS1#
CS2
CS2#
OE#
WE#
ZZ
Fast clock speed: 250, 225, 200, 166, 150,
133MHz
Fast access times: 2.6, 2.8, 3.0, 3.5, 3.8, 4.2ns
Fast OE# access times: 2.6, 2.8, 3.0, 3.5, 3.8,
4.2ns
Separate +2.5V ± 5% power supplies for Core, I/O
(VCC, VCCQ)
Snooze Mode for reduced-standby power
Individual Byte Write control
Clock-controlled and registered addresses, data
I/Os and control signals
Burst control (interleaved or linear burst)
Packaging:
119-bump BGA package
Low capacitive bus loading
1
2
3
4
5
6
7
A VCCQ
SA
SA
SA
SA
SA
VCCQ
B
SA
CE2
SA
ADV#
SA
CE2#
NC
C NC
SA
SA
VCC
SA
SA
NC
D DQc DQPc VSS
NC
VSS
DQPb DQb
E DQc DQc
VSS
CE1#
VSS
DQb DQb
F VCCQ DQc
VSS
OE#
VSS
DQb VCCQ
G DQc DQc BWc#
SA
BWb# DQb DQb
H DQc DQc
VSS
WE#
VSS
DQb DQb
J VCCQ VCC
NC
VCC
NC
VCC
VCCQ
K DQd DQd
VSS
CK
VSS
DQa DQa
L DQd DQd BWd# NC
BWa# DQa DQa
M VCCQ DQd
VSS CKE#
VSS
DQa VCCQ
N DQd DQd
VSS
SA1
VSS
DQa DQa
P DQd DQPd VSS
SA0
VSS
DQPa DQa
R NC
SA
LBO# VCC
NC
SA
NC
T NC
NC
SA
SA
SA
NC
ZZ
U VCCQ
NC
NC
NC
NC
NC
VCCQ
FEATURES
DESCRIPTION
NOTE: NBL (No Bus Latency) is equivalent to ZBT™


Similar Part No. - WED2ZL361MS28BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BC WEDC-WED2ZL361MV35BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BI WEDC-WED2ZL361MV35BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BC WEDC-WED2ZL361MV38BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BI WEDC-WED2ZL361MV38BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZL361MS28BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com