Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED2ZL361MV38BI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED2ZL361MV38BI
Description  1Mx36 Synchronous Pipeline Burst NBL SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZL361MV38BI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED2ZL361MV38BI Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 9Page - White Electronic Designs Corporation WED2ZL361MV38BI Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZL361MV
June 2004
Rev. 3
SNOOZE MODE
SNOOZE MODE is a low-current, “power-down” mode in
which the device is deselected and current is reduced to
ISB2Z. The duration of SNOOZE MODE is dictated by the
length of time Z is in a HIGH state. After the device enters
SNOOZE MODE, all inputs except ZZ become gated inputs
and are ignored. ZZ is an asynchronous, active HIGH input
that causes the device to enter SNOOZE MODE.
When ZZ becomes a logic HIGH, ISB2Z is guaranteed after
the setup time tZZ is met. Any READ or WRITE operation
pending when the device enters SNOOZE MODE is not
guaranteed to complete successfully. Therefore, SNOOZE
MODE must not be initiated until valid pending operations
are completed.
SNOOZE MODE
Description
Conditions
SYMBOL
Min
Max
Units
Notes
Current during SNOOZE MODE
ZZ ≥ VIH
ISB2Z
10
mA
ZZ active to input ignored
tZZ
2(tKC)
ns
1
ZZ inactive to input sampled
tRZZ
2(tKC)
ns
1
ZZ active to snooze current
tZZI
2(tKC)
ns
1
ZZ inactive to exit snooze current
tRZZI
ns
1
ZZ
ISUPPLY
CLOCK
ALL INPUTS
(except ZZ)
Output (Q)
tZZ
tZZI
tRZZ
tRZZI
HIGH-Z
DESELECT or READ Only
IISB2Z
DON'T CARE
FIGURE 2 – SNOOZE MODE TIMING DIAGRAM


Similar Part No. - WED2ZL361MV38BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZL361MV38BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com