Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED2ZLRSP01S35BC Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WED2ZLRSP01S35BC
Description  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S35BC Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WED2ZLRSP01S35BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 9Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 10Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 11Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 12Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIG. 4 TIMING WAVEFORM OF WRITE CYCLE
Clock
CKE#
Address
WRITE#
CEx#
ADV
OE#
Data Out
Data In
tCH tCL
tCYC
tCSS tCSH
tHZOE
tDS
tDH
A1
A2
A3
D1-1
Q0-4
Q0-3
D2-1
D2-2
D2-3
D2-4
D3-1
D3-2
D3-3
D3-4
Dont Care
Undefined
NOTES:
WRITE# = L means WE# = L, and BWx# = L
CEx# refers to the combination of CE1#, CE2 and CE2#.
Note:
Applies to both independent arrays.


Similar Part No. - WED2ZLRSP01S35BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZLRSP01S35BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com