Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED2EG472512V7D2 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WED2EG472512V7D2
Description  16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2EG472512V7D2 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WED2EG472512V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 6Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 7Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 8Page - White Electronic Designs Corporation WED2EG472512V7D2 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2EG472512V-D2
Jan, 2000
Rev. A
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1VSS
29
NC
57
NC
85
VSS
113
DQP0
141
DQP4
2A0
30
VCC
58
VCC
86
A17
114
VCC
142
VCC
3
A16
31
DQ0
59
DQ32
87
A1
115
DQ7
143
DQ39
4
A2
32
DQ1
60
DQ33
88
A15
116
DQ6
144
DQ38
5
A14
33
DQ2
61
DQ34
89
A3
117
DQ5
145
DQ37
6VCC
34
DQ3
62
DQ35
90
VCC
118
DQ4
146
DQ36
7A4
35
VSS
63
VSS
91
A13
119
VSS
147
VSS
8
A12
36
ZZ1
64
ZZ3
92
A5
120
DQP1
148
DQP5
9A6
37
VCC
65
VCC
93
A11
121
VCC
149
VCC
10
A10
38
DQ8
66
DQ40
94
A7
122
DQ15
150
DQ47
11
VSS
39
DQ9
67
DQ41
95
VSS
123
DQ14
151
DQ46
12
A8
40
DQ10
68
DQ42
96
A9
124
DQ13
152
DQ45
13
RFU
41
DQ11
69
DQ43
97
A18
125
DQ12
153
DQ44
14
E4#
42
VSS
70
VCC
98
E1#
126
VSS
154
VSS
15
E2#
43
NC
71
NC
99
E3#
127
DQP2
155
DQP6
16
VSS
44
VCC
72
VCC
100
VSS
128
VCC
156
VCC
17
MODE
45
DQ16
73
DQ48
101
CK
129
DQ23
157
DQ55
18
EM#
46
DQ17
74
DQ49
102
VSS
130
DQ22
158
DQ54
19
GW#
47
DQ18
75
DQ50
103
G#
131
DQ21
159
DQ53
20
RFU
48
DQ19
76
DQ51
104
BWE#
132
DQ20
160
DQ52
21
VCC
49
VSS
77
VSS
105
VCC
133
VSS
161
VSS
22
BW4#
50
ZZ2
78
ZZ4
106
BW2#
134
DQP3
162
DQP7
23
BW3#
51
VCC
79
VCC
107
BW1#
135
VCC
163
VCC
24
BW8#
52
DQ24
80
DQ56
108
BW6#
136
DQ31
164
DQ63
25
BW7#
53
DQ25
81
DQ57
109
BW5#
137
DQ30
165
DQ62
26
ADSC#
54
DQ26
82
DQ58
110
VSS
138
DQ29
166
DQ61
27
ADSP#
55
DQ27
83
DQ59
111
ADV#
139
DQ28
167
DQ60
28
VSS
56
VSS
84
VSS
112
VSS
140
VSS
168
VSS
PIN CONFIGURATION
DQ0 - DQ63
Input / Output Bus
DQP0 - DQP7
Parity Bits
A0 - A18
Address Bus
EM#
Module Enable
E1#, E2#, E3#, E4#
Synchronous Bank Enables
BWE#
Byte Write Mode Enable
BW1# - BW8#
Byte Write Enables
CK
Array Clock
GW#
Synchronous Global Write Enable
G#
Asynchronous Output Enable
ZZ1, ZZ2, ZZ3, ZZ4
Bank Sleep Mode Enables
VCC
3.3V Power Supply
VSS
Ground
PIN DESCRIPTION


Similar Part No. - WED2EG472512V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V10D2 WEDC-WED2CG472512V10D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V12D2 WEDC-WED2CG472512V12D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V15D2 WEDC-WED2CG472512V15D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V9D2 WEDC-WED2CG472512V9D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
More results

Similar Description - WED2EG472512V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com