Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

222246955683 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 222246955683
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222246955683 Datasheet(HTML) 1 Page - Vishay Siliconix

  222246955683 Datasheet HTML 1Page - Vishay Siliconix 222246955683 Datasheet HTML 2Page - Vishay Siliconix 222246955683 Datasheet HTML 3Page - Vishay Siliconix 222246955683 Datasheet HTML 4Page - Vishay Siliconix 222246955683 Datasheet HTML 5Page - Vishay Siliconix 222246955683 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 28107
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 29-Aug-03
1
MKT 469
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
APPLICATIONS
Blocking and coupling. Bypass and energy reservoir
MARKING
C-value; tolerance; rated voltage; manufacturer’s symbol;
code for dielectric material and construction
DIELECTRIC
Polyester film
ELECTRODES
Vacuum deposited aluminium
COATING
Flame retardant epoxy material (UL-class 94 V-0)
CONSTRUCTION
Wound mono construction
LEADS
Tinned wire
CAPACITANCE RANGE (E12 SERIES)
0.001 to 1.0 µF
CAPACITANCE TOLERANCE
±10%; ±5%
RATED (DC) VOLTAGE
100 V; 250 V; 400 V; 630 V
RATED (AC) VOLTAGE
63 V; 160 V; 220 V; 250 V
CLIMATIC CATEGORY
55/105/56
RATED TEMPERATURE
85 °C
MAXIMUM APPLICATION TEMPERATURE
105 °C
REFERENCE SPECIFICATIONS
IEC 60384-2
PERFORMANCE GRADE
Grade 1 (long life)
MATERIALS
Qualified in accordance with UL94 V-0
FEATURES
Available taped and loose in box
DETAIL SPECIFICATION
For more detailed data and test requirements see “Type
detail specification HQN-384-02/102”
168x12(halfpage)
168x12(halfpage)
Ø1.3
≤1.5
l
lt
h
Ødt
P±0.4
seating
plane (1)
w
Dimensions in mm.
(1) Hole ∅1.0 for dt = 0.6 mm.


Similar Part No. - 222246955683

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
logo
List of Unclassifed Man...
22224161XXX2 ETC1-22224161XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX3 ETC1-22224161XXX3 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX4 ETC1-22224161XXX4 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224167XXX2 ETC1-22224167XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - 222246955683

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com