Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE128K32N-150H1Q Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WE128K32N-150H1Q
Description  128Kx32 EEPROM MODULE, SMD 5962-94585
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE128K32N-150H1Q Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WE128K32N-150H1Q Datasheet HTML 2Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 3Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 4Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 5Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 6Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 7Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 8Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 9Page - White Electronic Designs Corporation WE128K32N-150H1Q Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE128K32-XXX
March 2006
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
READ
The WE128K32-XXX stores data at the memory location
determined by the address pins. When CS# and OE# are
low and WE# is high, this data is present on the outputs.
When CS# and OE# are high, the outputs are in a high
impedance state. This two line control prevents bus
contention.
Notes:
OE# may be delayed up to tACS - tOE after the falling edge of CS# without impact
on tOE or by tACC - tOE after an address change without impact on tACC.
AC READ CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Read Cycle Parameter
Symbol
-120
-140
-150
-200
-250
-300
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
120
140
150
200
250
300
ns
Address Access Time
tACC
120
140
150
200
250
300
ns
Chip Select Access Time
tACS
120
140
150
200
250
300
ns
Output Hold from Add. Change, OE# or CS#
tOH
000000
ns
Output Enable to Output Valid
tOE
050055055055085085
ns
Chip Select or OE# to High Z Output
tDF
60
70
70
70
70
70
ns
FIGURE 7 – READ WAVEFORMS
t
ADDRESS
CS#
OE#
OUTPUT
OH
tDF
t ACC
t RC
t OE
tACS
OUTPUT
VALID
ADDRESS VALID
HIGH Z


Similar Part No. - WE128K32N-150H1Q

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K8-150CC WEDC-WE128K8-150CC Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CCA WEDC-WE128K8-150CCA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CI WEDC-WE128K8-150CI Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CIA WEDC-WE128K8-150CIA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CM WEDC-WE128K8-150CM Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results

Similar Description - WE128K32N-150H1Q

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com