Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE128K32N-250H1Q Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WE128K32N-250H1Q
Description  128Kx32 EEPROM MODULE, SMD 5962-94585
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE128K32N-250H1Q Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WE128K32N-250H1Q Datasheet HTML 1Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 2Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 3Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 4Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 5Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 6Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 7Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 8Page - White Electronic Designs Corporation WE128K32N-250H1Q Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE128K32-XXX
March 2006
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
128Kx32 EEPROM MODULE, SMD 5962-94585
Top View
Block Diagram
I/O8
I/O9
I/O10
A13
A14
A15
A16
NC
I/O0
I/O1
I/O2
WE2#
CS2#
GND
I/O11
A10
A11
A12
VCC
CS1#
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
NC
WE1#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A6
A7
NC
A8
A9
I/O16
I/O17
I/O18
VCC
CS4#
WE4#
I/O27
A3
A4
A5
WE3#
CS3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A0
A1
A2
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
128K x 8
8
I/O 0-7
WE
1 #
CS
1 #W E 2 #
CS
2 #W E 3 #
CS
3 #W E 4 #
CS
4 #
128K x 8
8
I/O 8-15
128K x 8
8
I/O 16-23
128K x 8
8
I/O 24-31
A 0-16
OE#
FEATURES
Access Times of 120**, 140, 150, 200, 250, 300ns
Packaging:
• 66-pin, PGA Type, 27.3mm (1.075") square,
Hermetic Ceramic HIP (Package 400)
• 68 lead, 22.4mm sq. CQFP (G2T), 4.57mm
(0.180") high, (Package 509)
Organized as 128Kx32; User Configurable as
256Kx16 or 512Kx8
Write Endurance 10,000 Cycles
Data Retention Ten Years Minimum (at +25°C)
Commercial, Industrial and Military Temperature
Ranges
Low Power CMOS
Automatic Page Write Operation
Page Write Cycle Time: 10ms Max
Data Polling for End of Write Detection
Hardware and Software Data Protection
TTL Compatible Inputs and Outputs
5 Volt Power Supply
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight
WE128K32-XG2TX - 8 grams typical
WE128K32-XH1X - 13 grams typical
** 120ns not available for SMD product
*This product is subject to change without notice.
FIGURE 1 – PIN CONFIGURATION FOR
WE128K32N-XH1X
Pin Description
I/O0-31
Data Input/Output
A0-16
Address Inputs
WE1-4#
Write Enable
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected


Similar Part No. - WE128K32N-250H1Q

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K8-150CC WEDC-WE128K8-150CC Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CCA WEDC-WE128K8-150CCA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CI WEDC-WE128K8-150CI Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CIA WEDC-WE128K8-150CIA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CM WEDC-WE128K8-150CM Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results

Similar Description - WE128K32N-250H1Q

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com