Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE128K32P-300H1Q Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WE128K32P-300H1Q
Description  128Kx32 EEPROM MODULE, SMD 5962-94585
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE128K32P-300H1Q Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WE128K32P-300H1Q Datasheet HTML 4Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 5Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 6Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 7Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 8Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 9Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 10Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 11Page - White Electronic Designs Corporation WE128K32P-300H1Q Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE128K32-XXX
March 2006
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PAGE WRITE OPERATION
The WE128K32-XXX has a page write operation that
allows one to 128 bytes of data to be written into the device
and consecutively loads during the internal programming
period. Successive bytes may be loaded in the same
manner after the first data byte has been loaded. An
internal timer begins a time out operation at each write
cycle. If another write cycle is completed within 150µs
or less, a new time out period begins. Each write cycle
restarts the delay period. The write cycles can be continued
as long as the interval is less than the time out period.
The usual procedure is to increment the least significant
address lines from A0 through A6 at each write cycle. In
this manner a page of up to 128 bytes can be loaded in
to the EEPROM in a burst mode before beginning the
relatively long interval programming cycle.
After the 150µs time out is completed, the EEPROM
begins an internal write cycle. During this cycle the entire
page of bytes will be written at the same time. The internal
programming cycle is the same regardless of the number
of bytes accessed.
FIGURE 9 – PAGE MODE WRITE WAVEFORMS
PAGE WRITE CHARACTERISTICS
(VCC = 5.0V, VSS = 0V, TA = -55°C to +125°C)
Page Mode Write Characteristics
Symbol
Unit
Parameter
Min
Max
Write Cycle Time, TYP = 6ms
tWC
10
ms
Address Set-up Time
tAS
0ns
Address Hold Time (1)
tAH
100
ns
Data Set-up Time
tDS
50
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWP
100
ns
Byte Load Cycle Time
tBLC
150
µs
Write Pulse Width High
tWPH
50
ns
1. Page address must remain valid for duration of write cycle.
OE#
CS#
WE#
ADDRESS
DATA


Similar Part No. - WE128K32P-300H1Q

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K8-150CC WEDC-WE128K8-150CC Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CCA WEDC-WE128K8-150CCA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CI WEDC-WE128K8-150CI Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CIA WEDC-WE128K8-150CIA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CM WEDC-WE128K8-150CM Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results

Similar Description - WE128K32P-300H1Q

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com