Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W364M72V-100SBC Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W364M72V-100SBC
Description  64Mx72 Synchronous DRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W364M72V-100SBC Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W364M72V-100SBC Datasheet HTML 1Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 2Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 3Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 4Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 5Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 6Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 7Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 8Page - White Electronic Designs Corporation W364M72V-100SBC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 1
W364M72V-XSBX
REGISTER DEFINITION
MODE REGISTER
The Mode Register is used to define the specific mode
of operation of the SDRAM. This definition includes the
selec-tion of a burst length, a burst type, a CAS latency,
an operating mode and a write burst mode, as shown in
Figure 3. The Mode Register is programmed via the LOAD
MODE REGISTER command and will retain the stored
information until it is programmed again or the device
loses power.
Mode register bits M0-M2 specify the burst length, M3
specifies the type of burst (sequential or interleaved),
M4-M6 specify the CAS latency, M7 and M8 specify the
operating mode, M9 specifies the WRITE burst mode,
and M10 and M11 are reserved for future use. Address
A12 (M12) is undefined but should be driven LOW during
loading of the mode register.
The Mode Register must be loaded when all banks are
idle, and the controller must wait the specified time before
initiating the subsequent operation. Violating either of these
requirements will result in unspecified operation.
BURST LENGTH
Read and write accesses to the SDRAM are burst oriented,
with the burst length being programmable, as shown
in Figure 3. The burst length determines the maximum
number of column locations that can be accessed for a
given READ or WRITE command. Burst lengths of 1, 2, 4
or 8 locations are available for both the sequential and the
interleaved burst types, and a full-page burst is available
for the sequential type. The full-page burst is used in
conjunction with the BURST TERMINATE command to
generate arbitrary burst lengths.
Reserved states should not be used, as unknown operation
or incompatibility with future versions may result.
When a READ or WRITE command is issued, a block of
columns equal to the burst length is effectively selected.
All accesses for that burst take place within this block,
meaning that the burst will wrap within the block if a
boundary is reached. The block is uniquely selected by
A1-9, A11 when the burst length is set to two; by A2-9,
A11 when the burst length is set to four; and by A3-9, A11
when the burst length is set to eight. The remaining (least
significant) address bit(s) is (are) used to select the starting
location within the block. Full-page bursts wrap within the
page if the boundary is reached.
All inputs and outputs are LVTTL compatible. SDRAMs offer
substantial advances in DRAM operating performance,
including the ability to synchronously burst data at a high
data rate with automatic column-address generation,
the ability to interleave between internal banks in order
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during a
burst access.
FUNCTIONAL DESCRIPTION
Read and write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for
a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank and
row to be accessed (BA0 and BA1 select the bank, A0-12
select the row). The address bits (A0-9, A11) registered
coincident with the READ or WRITE command are used to
select the starting column location for the burst access.
Prior to normal operation, the SDRAM must be initialized.
The following sections provide detailed information
covering device initialization, register definition, command
descriptions and device operation.
INITIALIZATION
SDRAMs must be powered up and initialized in a predefined
manner. Operational procedures other than those specified
may result in undefined operation. Once power is applied
to VCC and VCCQ (simultaneously) and the clock is stable
(stable clock is defined as a signal cycling within timing
constraints specified for the clock pin), the SDRAM
requires a 100µs delay prior to issuing any command
other than a COMMAND INHIBIT or a NOP. Starting at
some point during this 100µs period and continuing at
least through the end of this period, COMMAND INHIBIT
or NOP commands should be applied.
Once the 100µs delay has been satisfied with at least
one COMMAND INHIBIT or NOP command having been
applied, a PRECHARGE command should be applied. All
banks must be precharged, thereby placing the device in
the all banks idle state.
Once in the idle state, two AUTO REFRESH cycles must be
performed. After the AUTO REFRESH cycles are complete,
the SDRAM is ready for Mode Register programming.
Because the Mode Register will power up in an unknown
state, it should be loaded prior to applying any operational
command.
ADVANCED


Similar Part No. - W364M72V-100SBC

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3613 PULSE-W3613 Datasheet
1Mb / 14P
   2.4GHz SMT PIFA Antenna
More results

Similar Description - W364M72V-100SBC

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com