Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W332M72V-125SBC Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W332M72V-125SBC
Description  32Mx72 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W332M72V-125SBC Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W332M72V-125SBC Datasheet HTML 1Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 2Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 3Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 4Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 5Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 6Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 7Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 8Page - White Electronic Designs Corporation W332M72V-125SBC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W332M72V-XSBX
Ju;y 2006
Rev. 3
GENERAL DESCRIPTION
The 256MByte (2Gb) SDRAM is a high-speed CMOS,
dynamic random-access, memory using 5 chips containing
536,870,912 bits. Each chip is internally configured as a
quad-bank DRAM with a synchronous interface. Each of
the chip’s 134,217,728-bit banks is organized as 8,192
rows by 1,024 columns by 16 bits.
Read and write accesses to the SDRAM are burst ori-
ented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command, which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank
and row to be accessed (BA0, BA1 select the bank; A0-
12 select the row). The address bits registered coincident
with the READ or WRITE command are used to select the
starting column location for the burst access.
The SDRAM provides for programmable READ or WRITE
burst lengths of 1, 2, 4 or 8 locations, or the full page, with
a burst terminate option. An AUTO PRECHARGE function
may be enabled to provide a self-timed row precharge that
is initiated at the end of the burst sequence.
The 2Gb SDRAM uses an internal pipelined architecture to
achieve high-speed operation. This architecture is compatible
with the 2n rule of prefetch architectures, but it also allows
the column address to be changed on every clock cycle to
achieve a high-speed, fully random access. Precharging
one bank while accessing one of the other three banks
will hide the precharge cycles and provide seamless, high-
speed, random-access operation.
The 2Gb SDRAM is designed to operate at 3.3V. An auto
refresh mode is provided, along with a power-saving,
power-down mode.
32Mx72 Synchronous DRAM
FEATURES
High Frequency = 100, 125, 133MHz
Package:
• 208 Plastic Ball Grid Array (PBGA), 16 x 22mm
3.3V ±0.3V power supply for core and I/Os
Fully Synchronous; all signals registered on positive
edge of system clock cycle
Internal pipelined operation; column address can be
changed every clock cycle
Internal banks for hiding row access/precharge
Programmable Burst length 1,2,4,8 or full page
8192 refresh cycles
Commercial, Industrial and Military Temperature
Ranges
Organized as 32M x 72
Weight: W332M72V-XSBX - 2.0 grams typical
BENEFITS
73% SPACE SAVINGS
Reduced part count
Reduced I/O count
• 23% I/O Reduction
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Laminate interposer for optimum TCE match
* This product is subject to change without notice.
Discrete Approach
ACTUAL SIZE
S
A
V
I
N
G
S
Area
5 x 265mm2 = 1325mm2
352mm2
73%
I/O
5 x 54 pins = 270 pins
208 Balls
23%
Count
16
22
11.9
11.9
11.9
11.9
11.9
22.3
54
TSOP
54
TSOP
54
TSOP
54
TSOP
54
TSOP
White Electronic Designs
W332M72V-XSBX


Similar Part No. - W332M72V-125SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M72V-125BC WEDC-W332M72V-125BC Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
W332M72V-125BI WEDC-W332M72V-125BI Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
W332M72V-125BM WEDC-W332M72V-125BM Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
More results

Similar Description - W332M72V-125SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M72V-XBX WEDC-W332M72V-XBX Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com