Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W332M64V-125SBI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W332M64V-125SBI
Description  32Mx64 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W332M64V-125SBI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W332M64V-125SBI Datasheet HTML 1Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 2Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 3Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 4Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 5Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 6Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 7Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 8Page - White Electronic Designs Corporation W332M64V-125SBI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W332M64V-XSBX
September 2005
Rev. 3
TABLE 1 – BURST DEFINITION
Burst
Length
Starting Column
Address
Order of Accesses Within a Burst
Type = Sequential
Type = Interleaved
2
A0
0
0-1
0-1
1
1-0
1-0
4
A1
A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
A2
A1
A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Full
Page
(y)
n = A 0-9
(location 0-y)
Cn, Cn + 1, Cn + 2
Cn + 3, Cn + 4...
…Cn - 1,
Cn…
Not Supported
FIGURE. 3 – MODE REGISTER DEFINITION
NOTES:
1.
For full-page accesses: y = 1,024.
2.
For a burst length of two, A1-9 select the block-of-two burst; A0 selects the starting
column within the block.
3.
For a burst length of four, A2-9 select the block-of-four burst; A0-1 select the starting
column within the block.
4.
For a burst length of eight, A3-9 select the block-of-eight burst; A0-2 select the
starting column within the block.
5.
For a full-page burst, the full row is selected and A0-9 select the starting column.
6.
Whenever a boundary of the block is reached within a given sequence above, the
following access wraps within the block.
7.
For a burst length of one, A0-9 select the unique column to be accessed, and Mode
Register bit M3 is ignored.
M3 = 0
1
2
4
8
Reserved
Reserved
Reserved
Full Page
M3 = 1
1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Standard Operation
All other states reserved
0
-
0
-
Defined
-
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
3
Reserved
Reserved
Reserved
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Op Mode
A10
A11
Reserved*
Reserved*
WB
0
1
Write Burst Mode
Programmed Burst Length
Single Location Access
M9
*Should program
M12, M11, M10 = 0, 0
to ensure compatibility
with future devices.
A12


Similar Part No. - W332M64V-125SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M64V-125BC WEDC-W332M64V-125BC Datasheet
321Kb / 15P
   32Mx64 Synchronous DRAM
W332M64V-125BI WEDC-W332M64V-125BI Datasheet
321Kb / 15P
   32Mx64 Synchronous DRAM
W332M64V-125BM WEDC-W332M64V-125BM Datasheet
321Kb / 15P
   32Mx64 Synchronous DRAM
More results

Similar Description - W332M64V-125SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M64V-XBX WEDC-W332M64V-XBX Datasheet
321Kb / 15P
   32Mx64 Synchronous DRAM
logo
DLG Hanbit co.,Ltd.
HSD32M64B8W DLGHANBIT-HSD32M64B8W Datasheet
539Kb / 9P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SODIMM, 4Banks, 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com