Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC00 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC00
Description  Quad 2-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC00 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC00 Datasheet HTML 1Page - NXP Semiconductors 74HC00 Datasheet HTML 2Page - NXP Semiconductors 74HC00 Datasheet HTML 3Page - NXP Semiconductors 74HC00 Datasheet HTML 4Page - NXP Semiconductors 74HC00 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2003 Jun 30
4
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC00; 74HCT00
Fig.2 Pin configuration DHVQFN14.
handbook, halfpage
114
1A
VCC
7
2
3
4
5
6
1B
1Y
2A
2B
2Y
13
12
11
10
9
4B
4A
4Y
3B
3A
8
GND
3Y
MNA950
GND(1)
Top view
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.
handbook, halfpage
MNA211
A
B
Y
Fig.3 Logic diagram (one gate).
handbook, halfpage
MNA212
1Y
1A
3
1B
1
2
2Y
2A
6
2B
4
5
3Y
3A
8
3B
9
10
4Y
4A
11
4B
12
13
Fig.4 Function diagram.
handbook, halfpage
MNA246
3
&
&
&
&
2
1
6
5
4
8
10
9
11
13
12
Fig.5 IEC logic symbol.


Similar Part No. - 74HC00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC00 NXP-74HC00 Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HC00 PHILIPS-74HC00 Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Silicon Supplies
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results

Similar Description - 74HC00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com