Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JZC-7F05DC120.6 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JZC-7F05DC120.6
Description  Small size, light weight, Low price. Low coil power consumption
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-7F05DC120.6 Datasheet(HTML) 1 Page - DB Lectro Inc

  JZC-7F05DC120.6 Datasheet HTML 1Page - DB Lectro Inc JZC-7F05DC120.6 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight, Low price.
Sensitive operation, good synchronism.
Low coil power consumption.
PC board mounting.
Suitable for electrical application, telecommunication, automatic control, wireless radio remote control and
sound control toy application.
Ordering Information
JZC-7F
10
DC12V
S
0.6
1
2
3
4
5
1 Part number:JZC-7F(4099)
2 Contact Current:01:1A;05:5A;10:10A
3 Coil rated Voltage(V):DC:3,6,9,12,24
4 Enclosure:S: Sealed type;NIL: Dust cover
5 Coil power consumption:0.5:0.5W;0.6:0.6W
Contact Data
Contact Arrangement
2A
DPSTNO
f2B DPSTNC f2C DPDT(B-M)
Contact Material
Ag CdO (Au
clad)
AgSnO2 (Au
clad)
Contact Rating (resistive)
0.5W:1A,2A,3A/277VAC,30VDC;
0.6W:3A,5A,10A/277VAC,30VDC
Max. Switching Power
0.5W:90W
360VA;
0.6W:250W
1600VA
Max. Switching Voltage
50VDC 380VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-500
3
3.9
18
2.25
0.3
006-500
6
7.8
72
4.50
0.6
009-500
9
11.7
162
6.75
0.9
012-500
12
15.6
288
9.00
1.2
024-500
24
31.2
1152
18.0
2.4
0.5
10
5
003-600
3
3.9
15
2.25
0.3
006-600
6
7.8
60
4.50
0.6
009-600
9
11.7
135
6.75
0.9
012-600
12
15.6
240
9.00
1.2
024-600
24
31.2
960
18.0
2.4
0.6
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
73
JZC-7F(N4099)
22
×16.5×16.5
E158859
Patent No.
99204096.5
www.dblectro.com


Similar Part No. - JZC-7F05DC120.6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZC-7FF ETC1-JZC-7FF Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031H ETC1-JZC-7FF0031H Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031HF ETC1-JZC-7FF0031HF Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031HS ETC1-JZC-7FF0031HS Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031HSF ETC1-JZC-7FF0031HSF Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - JZC-7F05DC120.6

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
N40992C HUAXINAN-N40992C Datasheet
502Kb / 1P
   Small size, light weight, Low price
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com