Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG64255MS133JD3GG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG64255MS133JD3GG
Description  1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64255MS133JD3GG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG64255MS133JD3GG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 10Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 11Page - White Electronic Designs Corporation W3EG64255MS133JD3GG Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
White Electronic Designs
W3EG72126S-D3
-JD3
-AJD3
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
November 2004
Rev. 3
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
0°C ≤ TA ≤ +70°C; VCC = +2.5V ±0.2V, VCCQ = +2.5V ±0.2V
AC Characteristics
335
262
263/265
202
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
Access window of DQs from CK, CK#
tAC
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
-0.75
+0.75
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
Clock cycle time
CL=2.5
tCK (2.5)
6
13
7.5
13
7.5
13
7.5
13
ns
22
CL=2
tCK (2)
7.5
13
7.5
13
7.5
13
ns
22
DQ and DM input hold time relative to DQS
tDH
0.45
0.5
0.5
0.5
ns
14,17
DQ and DM input setup time relative to DQS
tDS
0.45
0.5
0.5
0.5
ns
14,17
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
1.75
1.75
ns
17
Access window of DQS from CK, CK#
tDQSCK
-0.6
+0.6
-0.75
+0.75
-0.75
+0.75
-0.75
+0.75
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group,
per access
tDQSQ
0.45
0.5
0.5
0.5
ns
13,14
Write command to first DQS latching transition
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.2
0.2
0.2
0.2
tCK
DQS falling edge from CK rising - hold time
tDSH
0.2
0.2
0.2
0.2
tCK
Half clock period
tHP
tCH,
tCL
tCH,
tCL
tCH,
tCL
tCH,
tCL
ns
18
Data-out high-impedance window from CK, CK#
tHZ
+0.7
+0.75
+0.75
+0.75
ns
8,19
Data-out low-impedance window from CK, CK#
tLZ
-0.7
-0.75
-0.75
-0.75
ns
8,20
Address and control input hold time (fast slew rate)
tIHf
0.75
0.90
0.90
0.90
ns
6
Address and control input set-up time (fast slew rate)
tISf
0.75
0.90
0.90
0.90
ns
6
Address and control input hold time (slow slew rate)
tIHs
0.8
111
ns
6
Address and control input setup time (slow slew rate)
tISs
0.8
111
ns
6
Address and control input pulse width (for each input)
tIPW
2.2
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
12
15
15
15
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per
access
tQH
tHP-
tQHS
tHP-
tQHS
tHP-
tQHS
tHP-
tQHS
ns
13,14
Data hold skew factor
tQHS
0.55
0.75
0.75
0.75
ns
ACTIVE to PRECHARGE command
tRAS
42
70,000
40
120,000
40
120,000
40
120,000
ns
15
ACTIVE to READ with Auto precharge command
tRAP
15
15
15
15
ns
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
60
60
60
60
ns
AUTO REFRESH command period
tRFC
72
75
75
75
ns
21


Similar Part No. - W3EG64255MS133JD3GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64255MS133JD3GG WEDC-W3EG64255MS133JD3GG Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
More results

Similar Description - W3EG64255MS133JD3GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com