Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W7MG1M32SVX70BNC Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W7MG1M32SVX70BNC
Description  8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W7MG1M32SVX70BNC Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W7MG1M32SVX70BNC Datasheet HTML 2Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 3Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 4Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 5Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 6Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 7Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 8Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 9Page - White Electronic Designs Corporation W7MG1M32SVX70BNC Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W7MG1M32SVx-BN
W7MG21M32SVx-BN
May 2004
Rev. 2
PRELIMINARY
FLASH PART NUMBER MATRIX
W 7 M G 1M 32 S V X XX BN X
White Electronics Design
Flash
MirrorBit™
FR4 with gold contacts
Module Address depth: 1M
Module Bus width: x32
Component width: x16
Voltage: 3.3V
T = Top / B = Bottom Boot Block
Speed: 70, 90, 120
Package: 80 Pin SIMM
Temperature range:
C = 0˚C to 70˚C Commercial
I = -40˚C to 85˚C Industrial


Similar Description - W7MG1M32SVX70BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com