Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3HG128M64EEUXXXD4ISG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3HG128M64EEUXXXD4ISG
Description  1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG128M64EEUXXXD4ISG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3HG128M64EEUXXXD4ISG Datasheet HTML 1Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 2Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 3Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 4Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 5Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG128M64EEUXXXD4ISG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
W3HG128M64EEU-D4
March 2006
Rev. 0
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
RECOMMENDED DC OPERATING CONDITIONS
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Notes
Supply Voltage
VCC
1.7
1.9
V
-
I/O Reference Voltage
VREF
0.49 x VCC
0.51 x VCC
V1
I/O Termination Voltage (system)
VTT
VREF - 40
VREF + 40
mV
2
NOTE:
1. VREF is expected to equal VCCQ/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise (non-common mode) on VREF may not exceed
±1 percent of the DC value. Peak-to-peak AC noise on VREF may not exceed ±2 percent of VREF (DC). This measurement is to be taken at the nearest VREF bypass capacitor.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal
to VREF and must track variations in the DC level of VREF.
ABSOLUTE MAXIMUM DC CHARACTERISTICS
Symbol
Parameter
Min
Max
Units
VCC
VCC Supply Voltage Relative to VSS
-0.5
2.3
V
VIN, VOUT
Voltage on any Pin Relative to VSS
-0.5
2.3
V
TSTG
Storage Temperature
-55
100
°C
TCASE
DDR2 SDRAM Device Operating Temperature*
0
85
°C
TOPR
Operating Temperature (Ambient)
0
65
°C
II
Input Leakage Current; Any input 0V ≤ VIN ≤ VCC;
VREF input 0V ≤ VIN ≤0.95V; (All other pins not under
test = 0V)
Command/Address,
RAS#, CAS#, WE# S#,
CKE
-40
40
µA
CK, CK#
-20
20
DM
-5
5
IOZ
Output Leakage Current; 0V ≤ VOUT ≤ VCCQ; DQs
and ODT are disabled
DQ, DQS, DQS#
-5
5
µA
IVREF
VREF Leakage Current; VREF = Valid VREF level
-16
16
µA
* TCASE specifies as the temperature at the top center of the memory devices.
CAPACITANCE
TA = 25°C, f = 100MHz, VCC = 1.8V, VREF = VSS
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
35
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
35
pF
Input Capacitance (CKE0)
CIN3
31
pF
Input Capacitance (CK0, CK0#)
CIN4
15
pF
Input Capacitance (CS0#)
CIN5
31
pF
Input Capacitance (DQS0#-DQS17#)
CIN6
6pF
Input Capacitance (BA0-BA1)
CIN7
35
pF
Data input/output Capacitance (DQ0-DQ63)
COUT
6pF
NOTE:
* These capacitance values are based on worst case component values in conjunction with the circuit boards associated parasitic net capacitance.


Similar Part No. - W3HG128M64EEUXXXD4ISG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER403AD6XG WEDC-W3HG2128M72ACER403AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER534AD6XG WEDC-W3HG2128M72ACER534AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER665AD6XG WEDC-W3HG2128M72ACER665AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER806AD6XG WEDC-W3HG2128M72ACER806AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
More results

Similar Description - W3HG128M64EEUXXXD4ISG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWB ELPIDA-EBE10UE8ACWB Datasheet
239Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com