Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4S24HW Datasheet(PDF) 1 Page - DB Lectro Inc

Part # M4S24HW
Description  DIL Pitch Terminals High Sensitivity Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

M4S24HW Datasheet(HTML) 1 Page - DB Lectro Inc

  M4S24HW Datasheet HTML 1Page - DB Lectro Inc M4S24HW Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
DIL Pitch Terminals .High Sensitivity
g
Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VAC
g
Fully sealed (immersion cleaning).
High Reliability bifurcated Contact.
Application for Telecommunication Equipment
fOffice Equipmentf Security Alarm Systemsf Measuring instrumentsf
Medical Monitoring Equipment
fAudio Visual Equipmentf Flight SimulatorfSensor Controlg
Ordering Information
M4S
12
H
A
W
1
2
3
4
5
1 Part Mumber:M4
3 Enclosure:H: Sealed Type
2 Coil Rated Voltage:DC:3:3V;5:5V;6:6V;9:9V;
4 Nominal Coil Power:Nil:0.15W;A:0.2W;
12:12V;18:18V;24:24V;48:48V
5 Contact Material:Nil: Ag Ru;W: Ag Ni
Contact Data
Contact Arrangement
2C
DPDT(B-M)
Bifurcated Crossbar
Contact Material
Ag Ru( Gold clad
>) Ag Ni(Gold clad
Contact Rating (resistive)
2A/30VDC; 0.6A/125VAC
Max. Switching Power
60W
125VA
Min. Switching load 0.01mA/10mV
Reference Value
Max. Switching Voltage
220VDC
250VAC
Max. Switching Current:2A
Contact
Resistance
or
Voltage drop
100m
Item 3.12 of IEC255-7
Electrical
3
y105
AgNi
1
y105
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
8
Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
Coil Parameter
Coil voltage
VDC
Dash
Numbers
Rated
Max.
Coil
resistance
±10%
Pick up voltage
VDC(max)
(70% or 66%of rated
voltage )
release voltage
VDC(min)
(5% or 10% of
rated voltage)
Coil
power
W
Operate
Time
ms
Release
Time
ms
M4S-003
3
7.5
60
2.1
0.15
0.15
M4S-005
5
12.5
167
3.5
0.25
0.15
M4S-006
6
15.0
240
4.2
0.3
0.15
M4S-009
9
22.5
540
6.3
0.45
0.15
M4S-012
12
30.0
960
8.4
0.6
0.15
M4S-018
18
40.0
1620
12.6
0.9
0.20
M4S-024
24
52.9
2880
16.8
1.2
0.20
M4S-048
48
84.9
7680
33.6
2.4
0.30
5
3
M4S-003A
3
6.5
45
2.1
0.3
0.2
M4S-005A
5
10.8
125
3.5
0.5
0.2
M4S-006A
6
13.0
180
4.2
0.6
0.2
M4S-009A
9
19.5
405
6.3
0.9
0.2
M4S-012A
12
26.5
720
8.4
1.2
0.2
M4S-024A
24
52.9
2880
16.8
2.4
0.2
M4S-048A
48
103.9
11520
33.6
4.8
0.2
5
3
CAUTION
:
1 The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay
33
E158859
M4S
20.0
×9.8×12.0
www.dblectro.com


Similar Part No. - M4S24HW

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M4S24XAJ MTRONPTI-M4S24XAJ Datasheet
210Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4S24XAJ MTRONPTI-M4S24XAJ Datasheet
191Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4S24XBJ MTRONPTI-M4S24XBJ Datasheet
210Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4S24XBJ MTRONPTI-M4S24XBJ Datasheet
191Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4S24ZAJ MTRONPTI-M4S24ZAJ Datasheet
210Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
More results

Similar Description - M4S24HW

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
M1BS DBLECTRO-M1BS Datasheet
143Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M1B DBLECTRO-M1B Datasheet
146Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
logo
HuaXinAn Electronics CO...
M4 HUAXINAN-M4 Datasheet
365Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M1B HUAXINAN-M1B Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M4S HUAXINAN-M4S Datasheet
357Kb / 1P
   DIL Pitch Terminals .High Sensitivity
logo
Meder Electronic
DIL05-2A66-21M MEDER-DIL05-2A66-21M_11 Datasheet
83Kb / 2P
   DIL Reed Relay
DIL05-3A66-30L MEDER-DIL05-3A66-30L Datasheet
101Kb / 1P
   DIL Reed Relay
DIL12-2C90-63L MEDER-DIL12-2C90-63L Datasheet
136Kb / 1P
   DIL Reed Relay
DIL05-2A66-21R MEDER-DIL05-2A66-21R Datasheet
63Kb / 1P
   DIL Reed Relay
DIL12-1A66-15L MEDER-DIL12-1A66-15L Datasheet
113Kb / 2P
   DIL Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com