Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG72128S265BD4-XG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG72128S265BD4-XG
Description  1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72128S265BD4-XG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG72128S265BD4-XG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 10Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 11Page - White Electronic Designs Corporation W3EG72128S265BD4-XG Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG72128S-AD4
-BD4
August 2005
Rev. 3
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
AC CHARACTERISTICS
335
262
265/202
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
Address and control input setup time (slow slew rate)
tISS
0.8
1
1
ns
12
Address and Control input pulse width (for each input)
tIPW
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
12
15
15
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per access
tQH
tHP - tQHS
tHP - tQHS
tHP - tQHS
ns
22, 23
Data hold skew factor
tQHS
0.50
0.75
0.75
ns
ACTIVE to PRECHARGE command
tRAS
42
70,000
40
120,000
40
120,000
ns
30, 47
ACTIVE to READ with Auto precharge command
tRAP
15
15
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
60
60
65
ns
AUTO REFRESH command period
tRFC
72
75
78
ns
42
ACTIVE to READ or WRITE delay
tRCD
15
15
20
ns
PRECHARGE command period
tRP
15
15
20
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
37
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
37
ACTIVE bank a to ACTIVE bank b command
tRRD
12
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
0
0
0
ns
18, 19
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
17
Write recovery time
tWR
15
15
15
ns
Internal WRITE to READ command delay
tWTR
111
tCK
Data valid output window
NA
tQH -tDQSQ
tQH -tDQSQ
tQH - tDQSQ
ns
22
REFRESH to REFRESH command interval
tREFC
70.3
70.3
70.3
µs
21
Average periodic refresh interval
tREFI
7.8
7.8
7.8
µs
21
Terminating voltage delay to VCC
tVTD
000
ns
Exit SELF REFRESH to non-READ command
tXSNR
75
75
75
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
200
tCK


Similar Part No. - W3EG72128S265BD4-XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72128S265D3 WEDC-W3EG72128S265D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
W3EG72128S265JD3 WEDC-W3EG72128S265JD3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG72128S265BD4-XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com