Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG72129S-JD3 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3EG72129S-JD3
Description  1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72129S-JD3 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3EG72129S-JD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72129S-JD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2005
Rev. 3
W3EG72129S-JD3
PRELIMINARY
DQM0
DQM1
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DQM2
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DQM3
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DQM4
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DQM5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DQM7
RCS0#
RCS1#
DQS0
DQS4
DQS1
DQS5
DQS2
DQS3
DQM6
DQS6
DQS7
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DQS8
DQM8
PCK
RAS#
CAS#
CKE0
CKE1
RCS1#
CS1#
BA0-BA1
A0-A12
CS0#
RCS0#
PCK#
RESET#
RBA0-RBA1
RA0-RA12
RRAS#
RCAS#
RCKE0
RWE#
RCKE1
WE#
BA0-BA1: SDRAMs
A0-A12: SDRAMs
RAS#: SDRAMs
CAS#: SDRAMs
CKE: SDRAMs
CKE: SDRAMs
WE#: DQRAMs
A0
SA0
SERIAL PD
SDA
A1
SA1
A2
SA2
VREF
VSS
DDR SDRAMS
DDR SDRAMS
PLL
DDR SDRAM
DDR SDRAM
DDR SDRAM
DDR SDRAM
DDR SDRAM
DDR SDRAM
DDR SDRAM
DDR SDRAM
DDR SDRAM
REGISTER X 2
SCL
VCCQ
VCC
DDR SDRAMS
DDR SDRAMS
CK0
CK0#
120
SPD
VCCSPD
WP
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DQ15
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
DM
I/O7
I/O6
I/O1
I/O0
DM
I/O5
I/O4
I/O3
I/O2
I/O0
I/O1
I/O6
I/O7
I/O2
I/O3
I/O4
I/O5
CS#
CS#
DQS
DQS
R
E
G
I
S
T
E
R
FUNCTIONAL BLOCK DIAGRAM
Note: All resistor values are 22Ω unless otherwise indicated.


Similar Part No. - W3EG72129S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-AJD3 WEDC-W3EG72125S-AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-JD3 WEDC-W3EG72125S-JD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202AJD3 WEDC-W3EG72125S202AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202D3 WEDC-W3EG72125S202D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72129S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com