Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT1818 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKT1818
Description  Metallized Polyester Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1818 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT1818 Datasheet HTML 1Page - Vishay Siliconix MKT1818 Datasheet HTML 2Page - Vishay Siliconix MKT1818 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
40
MKT 1818
Vishay Roederstein
Document Number 26009
Revision 10-Jun-02
For technical questions, contact dc-film@vishay.com
DISSIPATION FACTOR TAN
MEASURED AT
C
0.1µF
0.1
µF < C 1.0µF
1kHz
8 x 10-3
8 x 10-3
10kHz
15 x 10-3
15 x 10-3
100kHz
25 x 10-3
Maximum values
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
MAXIMUM PULSE RISE TIME
(mm)
63 VDC
100 VDC
250 VDC
400 VDC
630 VDC
7.5
12
20
32
41
70
Metallized Polyester Film Capacitors
Related Document: IEC 60384-2, CECC 30 400
INSULATION RESISTANCE:
Measured with 100 VDC (63 VDC series at 50 VDC) after one
minute
For C
0.33µF and U
R > 100 VDC:
30,000 M
Ω minimum value (100,000 MΩ typical value)
For C
0.33µF and U
R 100 VDC:
15,000 M
Ω minimum value (50,000 MΩ typical value)
TIME CONSTANT:
Measured at 100 VDC (63 VDC series measured at 50 VDC)
after one minute
For C > 0.33
µF and U
R 100 VDC:
5000 s minimum value (15,000 s typical value)
CAPACITANCE DRIFT:
Up to + 40
°C, ± 1.5% for a period of two years
DERATING FOR DC AND AC
CATEGORY VOLTAGE UC:
At + 85
°C: U
C = 1.0 UR
At + 100
°C: U
C = 0.8 UR
SELF INDUCTANCE:
~ 6nH measured with 2mm long leads
PULL TEST ON LEADS:
≥ 30 N in direction of leads according to IEC 60068-2-21
RELIABILITY:
Operational life > 300,000h
Failure rate < 2 FIT (40
°C and 0.5 x U
R)
For further details, please refer to the general information
provided in this catalog.
Marking
H Max.
6.0-1
± 0.4
W Max.
0.6
L Max.
7.5
± 0.4
Ø 0.6
Dimensions in millimeters
MAIN APPLICATIONS:
Blocking, bypassing, filtering and timing, high frequency
coupling and decoupling. Interference suppression in low
voltage applications.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/
date of manufacture
DIELECTRIC:
Polyester film
ELECTRODES:
Vacuum deposited aluminum
COATING:
Flame retardant plastic case (UL-class 94 V-0), green, epoxy
resin sealed
CONSTRUCTION:
Extended metallized film (refer to general information)
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
OPERATING TEMPERATURE RANGE:
- 55
°C to + 100°C
CAPACITANCE RANGE:
1000pF to 1.0
µF
CAPACITANCE TOLERANCES:
± 20% (M), ± 10% (K), ± 5% (J)
RATED VOLTAGES (UR):
63 VDC, 100 VDC, 250 VDC, 400 VDC, 630 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 160 VAC, 200 VAC, 220 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE):
1.6 x UR for 2 s
Maximum Pulse Rise Time dv/dt [V/µs]
PCM
δδδδδ


Similar Part No. - MKT1818

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT1818

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com